Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD5S116 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S116
Description  HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S116 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD5S116 Datasheet HTML 5Page - Texas Instruments TPD5S116 Datasheet HTML 6Page - Texas Instruments TPD5S116 Datasheet HTML 7Page - Texas Instruments TPD5S116 Datasheet HTML 8Page - Texas Instruments TPD5S116 Datasheet HTML 9Page - Texas Instruments TPD5S116 Datasheet HTML 10Page - Texas Instruments TPD5S116 Datasheet HTML 11Page - Texas Instruments TPD5S116 Datasheet HTML 12Page - Texas Instruments TPD5S116 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPD5S116
www.ti.com
SLVSBP3 – DECEMBER 2012
Voltage Level Shifter - HPD Line
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
UNIT
MIN
TYP
MAX
VOH_SYS
IOH = 1 mA
VI = VIH
1.2 V to 5.0 V
VCCA × 0.7
V
VOH_SYS_1P1
IOH = 100 µA
VI = VIH
1.1V
VCCA × 0.7
V
VOL_SYS
IOL = 3 µA
VI = VIL
1.2 V to 5.0 V
0.4
V
VOL_SYS_1P1
IOL = 3 mA
VI = VIL
1.1 V
0.68
V
ΔVT Hysteresis at the CEC_CON
1.2 V to 5.0 V
500
mV
(VT+ - VT-)
Pull-down
RPD_IN (Input internal pull-down
connected to
60
100
140
k
Ω
resistor)
GND
Pull-down
RPD_OUT (Output internal pull-
connected to
60
100
140
k
Ω
down resistor)
GND
Glitch Filter
HPD_CON = 5 V, EN = VCCA,
TFILT
10
µs
Duration
Short HPD_SYS
EN
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
UNIT
MIN
TYP
MAX
RPD EN (Internal pull-down
Pull-down connected to GND
1.8 V
470
k
Ω
resistor)
UTILITY PIN
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
6
V
IPP = 1 A, tp = 8/20
μSec, from
8
I/O to GND(1)
VCLAMP
Clamp voltage with ESD strike
V
IPP = 5 A, tp = 8/20
μSec, , from
10
I/O to GND(1)
RDYN
Dynamic resistance
UTI pin to GND Pin(2)
033
Ω
CUTI
Line capacitance
VIO=0V, f=1GHz, I/O to GND
5.5
pF
VBR
Break-down voltage
IIO = 1mA
7
V
ILEAK
Leakage current
VIO = 3V
1
10
nA
(1)
Non-repetitive current pulse 8/20us exponentially decaying waveform according to IEC61000-4-5
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I=10A and I=20A
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD5S116


Similar Part No. - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD5S115YFFR TI-TPD5S115YFFR Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
More results

Similar Description - TPD5S116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com