Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4S214YFFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S214YFFR
Description  USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S214YFFR Datasheet(HTML) 2 Page - Texas Instruments

  TPD4S214YFFR Datasheet HTML 1Page - Texas Instruments TPD4S214YFFR Datasheet HTML 2Page - Texas Instruments TPD4S214YFFR Datasheet HTML 3Page - Texas Instruments TPD4S214YFFR Datasheet HTML 4Page - Texas Instruments TPD4S214YFFR Datasheet HTML 5Page - Texas Instruments TPD4S214YFFR Datasheet HTML 6Page - Texas Instruments TPD4S214YFFR Datasheet HTML 7Page - Texas Instruments TPD4S214YFFR Datasheet HTML 8Page - Texas Instruments TPD4S214YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VOTG_IN
Internal
Band Gap
Referance
Current Limiting
OTG Switch
DET
VBUS Detection
+
OVLO
VBUS
UVLO
Control Logic
+
Charge Pump
ADJ
FLT
EN
GND
D+
D–
ID
TPD4S214
SLVSBR1A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART
TOP-SIDE MARKING
NUMBER
–40°C to 85°C
WCSP – YFF (0.4-mm pitch)
Tape and reel
TPD4S214YFFR
B3214
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
CIRCUIT SCHEMATIC DIAGRAM
Figure 1. Circuit Schematic
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPD4S214


Similar Part No. - TPD4S214YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Similar Description - TPD4S214YFFR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3218 WILLSEMI-WS3218 Datasheet
457Kb / 10P
   Over-Voltage Protection Device for USB 2.0 Compliant VBUS and Data Switches
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com