Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E05U06DQAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E05U06DQAR
Description  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E05U06DQAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD4E05U06DQAR Datasheet HTML 2Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 3Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 4Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 5Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 6Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 7Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 8Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 9Page - Texas Instruments TPD4E05U06DQAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
±10
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
200
Time (ns)
C005
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
10
0
25
50
75
100
125
150
175
200
Time (ns)
C006
±10
±8
±6
±4
±2
0
2
4
6
8
10
±15
±10
±5
0
5
10
15
20
25
30
Voltage (V)
C003
0
50
100
150
200
250
300
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C004
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±2
±1
0
1
2
3
4
5
6
7
8
9
10
Voltage (V)
C001
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
±5
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
Current
Power
C002
TPD1E05U06
TPD4E05U06
TPD6E05U06
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
CURRENT
CURRENT and POWER
vs
vs
VOLTAGE
TIME
Figure 4. DC Voltage Sweep I-V Curve
Figure 5. Surge Curve (tp = 8/20
μs), Pin IO to GND
CURRENT
CURRENT
vs
vs
VOLTAGE
TEMPERATURE
Figure 6. TLP Plot IO to GND
Figure 7. Leakage vs Temp
VOLTAGE
VOLTAGE
vs
vs
TIME
TIME
Figure 8. +8kV IEC Waveform
Figure 9. –8kV IEC Waveform
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06


Similar Part No. - TPD4E05U06DQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E05U06DQAR TI1-TPD4E05U06DQAR Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06DQAR TI-TPD4E05U06DQAR Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
logo
Shanghai Leiditech Elec...
TPD4E05U06DQAR LEIDITECH-TPD4E05U06DQAR Datasheet
913Kb / 9P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
TPD4E05U06DQAR TECHPUBLIC-TPD4E05U06DQAR Datasheet
1Mb / 5P
   4-Line Uni-directional TVS Diode
More results

Similar Description - TPD4E05U06DQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com