Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4531AID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4531AID
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4531AID Datasheet(HTML) 2 Page - Texas Instruments

  THS4531AID Datasheet HTML 1Page - Texas Instruments THS4531AID Datasheet HTML 2Page - Texas Instruments THS4531AID Datasheet HTML 3Page - Texas Instruments THS4531AID Datasheet HTML 4Page - Texas Instruments THS4531AID Datasheet HTML 5Page - Texas Instruments THS4531AID Datasheet HTML 6Page - Texas Instruments THS4531AID Datasheet HTML 7Page - Texas Instruments THS4531AID Datasheet HTML 8Page - Texas Instruments THS4531AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
THS4531A
SLOS823A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
SPECIFIED
CHANNEL
PACKAGE-
PACKAGE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
TEMPERATURE
COUNT
LEAD
DESIGNATOR
MARKING
NUMBER
QUANTITY
RANGE
1
T4531A
THS4531AID
Rails, 75
SOIC-8
D
–40°C to +125°C
1
T4531A
THS4531AIDR
Tape and reel, 2500
1
531A
THS4531AIDGK
Rails, 80
THS4531A
VSSOP-8
DGK
–40°C to +125°C
1
531A
THS4531AIDGKR
Tape and reel, 2500
1
531A
THS4531AIRUNT
Tape and reel, 250
WQFN-10
RUN
–40°C to +125°C
1
531A
THS4531AIRUNR
Tape and reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
VALUE
UNITS
Supply voltage, VS– to VS+
5.5
Input/output voltage, VIN±, VOUT±, and VOCM pins
(VS–) – 0.7 to (VS+) + 0.7
V
Differential input voltage, VID
1
V
Continuous output current, IO
50
mA
Continuous input current, Ii
0.75
mA
Continuous power dissipation
See Thermal Information
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
–40 to +125
°C
Storage temperature range, Tstg
–65 to +150
°C
Electrostatic
Human body model (HBM)
3
kV
discharge (ESD)
Charge device model (CDM)
500
V
ratings:
THERMAL INFORMATION
THS4531A
THS4531A
THS4531A
VSSOP
SOIC
WQFN
THERMAL METRIC(1)
(MSOP)
UNITS
(P)
(RUN)
(DGK)
8 PINS
8 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
133
198
163
θJCtop
Junction-to-case (top) thermal resistance
78
84
66
θJB
Junction-to-board thermal resistance
73
120
113
°C/W
ψJT
Junction-to-top characterization parameter
26
19
17
ψJB
Junction-to-board characterization parameter
73
118
113
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4531A


Similar Part No. - THS4531AID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4531AID NSC-THS4531AID Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531AID TI1-THS4531AID Datasheet
1Mb / 59P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
logo
National Semiconductor ...
THS4531AIDGK NSC-THS4531AIDGK Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531AIDGK TI1-THS4531AIDGK Datasheet
1Mb / 59P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
logo
National Semiconductor ...
THS4531AIDGKR NSC-THS4531AIDGKR Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4531AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com