Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD770T1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMBD770T1
Description  Schottky Barrier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD770T1 Datasheet(HTML) 5 Page - Motorola, Inc

  MMBD770T1 Datasheet HTML 1Page - Motorola, Inc MMBD770T1 Datasheet HTML 2Page - Motorola, Inc MMBD770T1 Datasheet HTML 3Page - Motorola, Inc MMBD770T1 Datasheet HTML 4Page - Motorola, Inc MMBD770T1 Datasheet HTML 5Page - Motorola, Inc MMBD770T1 Datasheet HTML 6Page - Motorola, Inc MMBD770T1 Datasheet HTML 7Page - Motorola, Inc MMBD770T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMBD110T1 MMBD330T1 MMBD770T1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
MMBD770T1
Figure 10. Total Capacitance
Figure 11. Minority Carrier Lifetime
Figure 12. Reverse Leakage
Figure 13. Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
IF, FORWARD CURRENT (mA)
VR, REVERSE VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
KRAKAUER METHOD
f = 1.0 MHz
0.2
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
10
1.0
0.1
0.01
0.001
0
20
40
60
500
0
80
100
0
5.0
10
15
20
25
35
50
40
45
30
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
50
10
30
50
70
90
400
300
200
100
0.4
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 75°C
TA = 25°C
MMBD770T1
MMBD770T1
MMBD770T1
MMBD770T1


Similar Part No. - MMBD770T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD770T1 ONSEMI-MMBD770T1 Datasheet
153Kb / 8P
   Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD770T1 LRC-MMBD770T1 Datasheet
84Kb / 4P
   Schottky Barrier Diodes
logo
ON Semiconductor
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
131Kb / 4P
   Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
132Kb / 5P
   MMBD330T1G
November, 2011 ??Rev. 6
More results

Similar Description - MMBD770T1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com