Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8335 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM8335
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335 Datasheet(HTML) 4 Page - Texas Instruments

  LM8335 Datasheet HTML 1Page - Texas Instruments LM8335 Datasheet HTML 2Page - Texas Instruments LM8335 Datasheet HTML 3Page - Texas Instruments LM8335 Datasheet HTML 4Page - Texas Instruments LM8335 Datasheet HTML 5Page - Texas Instruments LM8335 Datasheet HTML 6Page - Texas Instruments LM8335 Datasheet HTML 7Page - Texas Instruments LM8335 Datasheet HTML 8Page - Texas Instruments LM8335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PIN A1
IDENTIFIER
A
B
C
D
1
2
3
4
VDD
VIO
SCLK
SDATA
VDDIO
GND
ADR
GPO_0
GPO_6
GPO_7
CFG
GPO_1
GPO_5
GPO_4
GPO_3
GPO_2
Top View
LM8335
SNVS840 – JUNE 2012
www.ti.com
Connection Diagram and Package Mark Information
Note: This is a preliminary pinout (pin sequence not fixed)
Figure 1. 16-Bump DSBGA Pinout
1.965mm x 1.965mm x 0.6mm (nom), 0.5mm pitch
See Package Number YZR0016
Figure 2. A1 Pin Identifier
PIN DESCRIPTIONS
Pin Number
Name
Description
8
GPO_0 through GPO_7
General purpose outputs
1
SCLK
RFFE clock input
1
SDATA
RFFE data input
RFFE chip address input
1
ADR
ADR = VDD: USID[3:0] = b1001
ADR = GND: USID[3:0] = b0001
Initial configuration select
CFG = VDD: GPO high-z with weak internal pull-down resistor enabled,
1
CFG
GPO_OUT_DATA masked
CFG = GND: GPO high-z, with weak internal pull-down resistor enabled,
GPO_OUT_DATA unmasked
1
VIO
MIPI RFFE VIO (1.8V ± 0.15V)
1
VDD
Core supply VDD (1.8V ± 0.15V)
1
VDDIO
GPO supply VDDIO (1.65V to 3.6V)
1
GND
Ground
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM8335


Similar Part No. - LM8335

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
Rev 0
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
100Kb / 8P
   Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
More results

Similar Description - LM8335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
logo
Will Semiconductor Ltd.
WS7808QM WILLSEMI-WS7808QM Datasheet
565Kb / 12P
   0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
   4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
   SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
   SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com