Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95873HRUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95873HRUZ-T
Description  Buck PWM Controller with Internal Compensation and External Reference Tracking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95873HRUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95873HRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL95873HRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Buck PWM Controller with Internal Compensation and
External Reference Tracking
ISL95873
The ISL95873 is a Single-Phase Synchronous-Buck PWM
controller featuring Intersil’s proprietary R4™ Technology. The
R4™ modulator has integrated compensation, fast transient
performance, accurate switching frequency control, and
excellent light-load efficiency. These technology advances,
together with integrated MOSFET drivers and a Schottky
bootstrap diode, allow for a high performance regulator that is
highly compact and needs few external components.
Differential remote sensing of the output voltage is an
additional feature. For maximum efficiency, the converter
automatically enters diode-emulation mode (DEM) during
light-load conditions, such as system standby.
The ISL95873 accepts a wide 3.3V to 25V input voltage range,
making it ideal for systems that run on battery or AC-adapter
power sources. It also is a low-cost solution for applications
requiring tracking of an external reference voltage during
soft-start. When the external reference level meets the internal
reference voltage, the ISL95873 switches from the external
reference to the internal reference. The external reference is
only used during soft-start.
Features
• External reference tracking
• Intersil’s R4™ modulator technology
- Internal compensation
- Fast, optimal transient response
• Input voltage range: 3.3V to 25V
• Output voltage range: 0.5V to 3.3V
• Precision voltage regulation
- ±0.5% System accuracy over -10°C to +100°C
•Output voltage remote sense
• Fixed 300kHz PWM frequency in continuous conduction
- Proprietary frequency control loop
• Automatic diode emulation mode for highest efficiency
• Power-good monitor for soft-start and fault detection
Applications
• Compact buck regulators requiring external tracking
FIGURE 1. ISL95873 APPLICATION SCHEMATIC WITH DCR CURRENT SENSE
RTN
GND
REFIN
EN
CBOOT
LO
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 3.3V
RO
CO
CIN
VIN
VOUT
CVCC
CPVCC
GPIO
11
UGATE
BOOT
2
1
12
9
PGOOD
PHASE
4
3
10
+5V
RVCC
RTN1
RFB
ROFS
RFB1
RTN1
0
EXTERNAL
REFERENCE
VOLTAGE
December 10, 2012
FN8390.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved.
R3 , R4 Modulator Technologies and Intersil (and design) are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL95873HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95873HRUZ-T RENESAS-ISL95873HRUZ-T Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
More results

Similar Description - ISL95873HRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com