Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95873 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL95873
Description  Buck PWM Controller with Internal Compensation and External Reference Tracking
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95873 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL95873 Datasheet HTML 7Page - Intersil Corporation ISL95873 Datasheet HTML 8Page - Intersil Corporation ISL95873 Datasheet HTML 9Page - Intersil Corporation ISL95873 Datasheet HTML 10Page - Intersil Corporation ISL95873 Datasheet HTML 11Page - Intersil Corporation ISL95873 Datasheet HTML 12Page - Intersil Corporation ISL95873 Datasheet HTML 13Page - Intersil Corporation ISL95873 Datasheet HTML 14Page - Intersil Corporation ISL95873 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL95873
11
FN8390.0
December 10, 2012
Figure 13 shows the overcurrent set circuit. The inductor consists
of inductance L and the DC resistance DCR. The inductor DC
current IL creates a voltage drop across DCR, which is given by
Equation 4:
The IOCSET current source sinks 8.5µA into the OCSET pin,
creating a DC voltage drop across the resistor ROCSET, which is
given by Equation 5:
The DC voltage difference between the OCSET pin and the VO pin,
given by Equation 6:
The IC monitors the voltage of the OCSET pin and the VO pin.
When the voltage of the OCSET pin is higher than the voltage of
the VO pin for more than 10µs, an OCP fault latches the
converter off.
The value of ROCSET is calculated with Equation 7, which is
written as:
Where:
-ROCSET (Ω) is the resistor used to program the overcurrent
setpoint
-IOC is the output DC load current that will activate the OCP
fault detection circuit
- DCR is the inductor DC resistance
For example, if IOC is 20A and DCR is 4.5mΩ, the choice of
ROCSET is equal to 20A x 4.5mΩ/8.5µA = 10.5kΩ.
Resistor ROCSET and capacitor CSEN form an R-C network to
sense the inductor current. To sense the inductor current
correctly not only in DC operation, but also during dynamic
operation, the R-C network time constant ROCSET CSEN needs to
match the inductor time constant L/DCR. The value of CSEN is
then written as Equation 8:
For example, if L is 1.5µH, DCR is 4.5m
Ω, and ROCSET is 9kΩ, the
choice of CSEN = 1.5µH/(9kΩ x 4.5mΩ) = 0.037µF.
When an OCP fault is declared, the converter will be latched off and
the PGOOD pin will be asserted low. The fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage VENTHF or if VCC has decayed below the falling POR
threshold voltage VVCC_THF.
Overvoltage
The overvoltage (OV) detection circuit triggers after the FB pin
voltage is above the rising overvoltage threshold VOVRTH for more
than 2µs. For example, if the converter is programmed to regulate
1.0V at the FB pin, that voltage would have to rise above the typical
VOVRTH threshold of 116% for more than 2µs to trigger an OV. In
numerical terms, that would be 116% x 1.0V = 1.16V. When an OV
is detected, the converter will take PGOOD low and continue to
switching. The converter is not latched off. When the converter
output voltage drops below the falling overvoltage threshold,
VOVFTH, for more than 2µs then PGOOD is taken high again and the
OV detection is considered cleared.
The falling overvoltage threshold VOVFTH is typically 102%. That
means if the FB pin voltage falls below 102% x 1.0V = 1.02V for
more than 2µs, the controller will return PGOOD high. Figure 14
shows a simple illustration of PGOOD operation during an OV
detection event. The cross hatch portion of the PGOOD waveform
shown represents the 2µs recognition time prior to the PGOOD
transition.
Undervoltage
The UVP fault detection circuit triggers after the FB pin voltage is
below the undervoltage threshold VUVTH for more than 2µs. For
example, if the converter is programmed to regulate 1.0V at the FB
pin, that voltage would have to fall below the typical VUVTH
threshold of 84% for more than 2µs in order to trip the UVP fault
latch. In numerical terms, that would be 84% x 1.0V = 0.84V.
When a UVP fault is declared, the converter will be latched off and
the PGOOD pin will be asserted low. The fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage VENTHF or if VCC has decayed below the falling POR
threshold voltage VVCC_THF.
FIGURE 13. OVERCURRENT PROGRAMMING CIRCUIT
PHASE
CO
L
VO
ROCSET
CSEN
OCSET
VO
RO
DCR
IL
8.5µA
+
_
VDCR
+
_
VROCSET
V
DCR
I
L DC R
=
(EQ. 4)
V
ROCSET
8.5
μAR
OCSET
=
(EQ. 5)
V
OCSET
V
VO
V
DCR V
ROCSET
I
L DC R
I
OCSET ROCSET
==
(EQ. 6)
(EQ. 7)
R
OCSET
I
OC DCR
I
OCSET
----------------------------
=
(EQ. 8)
C
SEN
L
R
OCSET DCR
------------------------------------------
=
FIGURE 14. OVERVOLTAGE OPERATION
ENABLE
CCM/DCM OPERATION
MOSFET
PGOOD
VOUT
116%
102%


Similar Part No. - ISL95873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873HRUZ-T RENESAS-ISL95873HRUZ-T Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
More results

Similar Description - ISL95873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
1Mb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com