Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV11873PWP Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV11873PWP
Description  12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV11873PWP Datasheet(HTML) 5 Page - Texas Instruments

  DRV11873PWP Datasheet HTML 1Page - Texas Instruments DRV11873PWP Datasheet HTML 2Page - Texas Instruments DRV11873PWP Datasheet HTML 3Page - Texas Instruments DRV11873PWP Datasheet HTML 4Page - Texas Instruments DRV11873PWP Datasheet HTML 5Page - Texas Instruments DRV11873PWP Datasheet HTML 6Page - Texas Instruments DRV11873PWP Datasheet HTML 7Page - Texas Instruments DRV11873PWP Datasheet HTML 8Page - Texas Instruments DRV11873PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DRV11873
www.ti.com
SLWS237 – NOVEMBER 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VCC
5
16
V
U, V, W
-0.7
17
COM
-0.1
17
FG, RD
-0.1
16
PGND, GND
-0.1
0.1
Voltage range
VCP
-0.1
22
V
CPP
-0.1
22
CPN
-0.1
16
V5
-0.1
5.5
PWMIN, FR, FS
-0.1
5.5
Operating junction temperature, TJ
-40
125
V
ELECTRICAL CHARACTERISTICS
Supply Current
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVCC
Supply current
TA = 25°C; PWM = VCC; VCC = 12 V
2.7
5
mA
UVLO
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVUVLO-th_r
UVLO threshold voltage
Rise threshold, TA = 25°C
4.3
4.6
V
VUVLO-th_f
UVLO threshold voltage
Fall threshold, TA = 25°C
3.9
4.1
V
UVLO threshold voltage
VUVLO-thhys
TA = 25°C
100
200
300
mV
hysteresis
Integrated MOSFET
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C; VCC = 12 V; VCP = 19 V;
RDSON
Series resistance(H+L)
0.45
0.6
Ω
IOUT = 1.5 A
PWM
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPWM-IH
High-level input voltage
VCC ≥ 4.5 V
2.7
V
VPWM-IL
Low-level input voltage
VCC ≥ 4.5 V
0.8
V
fPWM
PWM input frequency
15
100
kHz
IPWM-SOURCE
PWM source current
35
50
65
µA
FG
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFG-SINK
FG pin sink current
VFG = 0.3 V
5
mA
IFG-short
FG pin short current limit
VFG = 12 V
20
25
mA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - DRV11873PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873PWPR TI1-DRV11873PWPR Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV11873PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV11873PWPR TI-DRV11873PWPR Datasheet
844Kb / 16P
[Old version datasheet]   12-V, 3-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV11873 TI1-DRV11873_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-V, 3-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com