Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS42B49IRGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42B49IRGCT
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42B49IRGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS42B49IRGCT Datasheet HTML 3Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 4Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 5Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 6Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 7Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 8Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 9Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 10Page - Texas Instruments ADS42B49IRGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
DIGITAL CHARACTERISTICS
At AVDD = 1.9 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V, unless otherwise noted. DC specifications refer to the condition
where the digital outputs do not switch, but are permanently at a valid logic level '0' or '1'.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, CTRL1, CTRL2, CTRL3)(1)
VIH
High-level input voltage
All digital inputs support
1.3
V
1.8-V and 3.3-V CMOS
VIL
Low-level input voltage
0.4
V
logic levels
SDATA, SCLK(2)
VHIGH = 1.8 V
10
µA
IIH
High-level input current
SEN(3)
VHIGH = 1.8 V
0
µA
SDATA, SCLK
VLOW = 0 V
0
µA
IIL
Low-level input current
SEN
VLOW = 0 V
10
µA
DIGITAL OUTPUTS, CMOS INTERFACE (DA[13:0], DB[13:0], CLKOUT, SDOUT)
DRVDD –
VOH
High-level output voltage
DRVDD
V
0.1
VOL
Low-level output voltage
0
0.1
V
CO
Output capacitance (internal to device)
pF
DIGITAL OUTPUTS, LVDS INTERFACE
With an external
VODH
High-level output differential voltage
275
350
425
mV
100-
Ω termination
With an external
VODL
Low-level output differential voltage
–425
–350
–275
mV
100-
Ω termination
VOCM
Output common-mode voltage
0.9
1.05
1.25
V
(1)
SCLK, SDATA, and SEN function as digital input pins in serial configuration mode.
(2)
SDATA and SCLK have an internal 150-k
Ω pull-down resistor.
(3)
SEN has an internal 150-k
Ω pull-up resistor to AVDD. Because the pull-up resistor is weak, SEN can also be driven by 1.8-V or 3.3-V
CMOS buffers.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS42B49


Similar Part No. - ADS42B49IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42B49IRGCT TI1-ADS42B49IRGCT Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
More results

Similar Description - ADS42B49IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com