Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4229 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4229 Datasheet(HTML) 5 Page - Texas Instruments

  ADS4229 Datasheet HTML 1Page - Texas Instruments ADS4229 Datasheet HTML 2Page - Texas Instruments ADS4229 Datasheet HTML 3Page - Texas Instruments ADS4229 Datasheet HTML 4Page - Texas Instruments ADS4229 Datasheet HTML 5Page - Texas Instruments ADS4229 Datasheet HTML 6Page - Texas Instruments ADS4229 Datasheet HTML 7Page - Texas Instruments ADS4229 Datasheet HTML 8Page - Texas Instruments ADS4229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
ELECTRICAL CHARACTERISTICS: ADS42B49 (250 MSPS)
Typical values are at +25°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential
analog input, LVDS interface, and 0-dB gain, unless otherwise noted. Minimum and maximum values are across the full
temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.9 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
fIN = 10 MHz
71.3
dBFS
fIN = 70 MHz
71.2
dBFS
fIN = 100 MHz
71.1
dBFS
SNR
Signal-to-noise ratio
fIN = 170 MHz, 0-dB gain
68
70.7
dBFS
fIN = 170 MHz, 3-dB gain
67.8
dBFS
fIN = 300 MHz
69.5
dBFS
fIN = 10 MHz
71
dBFS
fIN = 70 MHz
71
dBFS
fIN = 100 MHz
70.9
dBFS
Signal-to-noise and
SINAD
distortion ratio
fIN = 170 MHz, 0-dB gain
67
70.4
dBFS
fIN = 170 MHz, 3-dB gain
67.7
dBFS
fIN = 300 MHz
67.7
dBFS
fIN = 10 MHz
83
dBc
fIN = 70 MHz
87
dBc
fIN = 100 MHz
86
dBc
Spurious-free dynamic
SFDR
range
fIN = 170 MHz, 0-dB gain
73
85
dBc
fIN = 170 MHz, 3-dB gain
89
dBc
fIN = 300 MHz
73
dBc
fIN = 10 MHz
82
dBc
fIN = 70 MHz
84
dBc
fIN = 100 MHz
85
dBc
THD
Total harmonic distortion
fIN = 170 MHz, 0-dB gain
70
83
dBc
fIN = 170 MHz, 3-dB gain
86
dBc
fIN = 300 MHz
72
dBc
fIN = 10 MHz
95
dBc
fIN = 70 MHz
93
dBc
fIN = 100 MHz
98
dBc
Second-harmonic
HD2
distortion
fIN = 170 MHz, 0-dB gain
73
89
dBc
fIN = 170 MHz, 3-dB gain
94
dBc
fIN = 300 MHz
80
dBc
fIN = 10 MHz
83
dBc
fIN = 70 MHz
87
dBc
fIN = 100 MHz
86
dBc
HD3
Third-harmonic distortion
fIN = 170 MHz, 0-dB gain
73
85
dBc
fIN = 170 MHz, 3-dB gain
89
dBc
fIN = 300 MHz
73
dBc
fIN = 10 MHz
100
dBc
fIN = 70 MHz
100
dBc
Worst spur
fIN = 100 MHz
100
dBc
(other than second and
fIN = 170 MHz, 0-dB gain
84
95
dBc
third harmonics)
fIN = 170 MHz, 3-dB gain
97
dBc
fIN = 300 MHz
94
dBc
f1 = 46 MHz, f2 = 50 MHz,
88
dBFS
each tone at –7 dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185 MHz, f2 = 190 MHz,
83
dBFS
each tone at –7 dBFS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS42B49


Similar Part No. - ADS4229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229 TI1-ADS4229 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
More results

Similar Description - ADS4229

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com