Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC121S101-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121S101-Q1
Description  Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC121S101-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  ADC121S101-Q1 Datasheet HTML 1Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 2Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 3Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 4Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 5Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 6Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 7Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 8Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADC121S101
www.ti.com
SNAS304E – JANUARY 2006 – REVISED OCTOBER 2012
ADC121S101 Converter Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF, fSAMPLE = 500
ksps to 1 Msps, unless otherwise noted. Boldface limits apply for TA = -40°C to +125°C: all other limits TA = 25°C unless
otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VA = +5V
0.8
V (max)
VIL
Input Low Voltage
VA = +3V
0.4
V (max)
IIN
Input Current
VIN = 0V or VA
±0.1
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.07
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.03
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
IOZH,
TRI-STATE Leakage
±0.1
±10
µA (max)
IOZL
Current
TRI-STATE Output
COUT
2
4
pF (max)
Capacitance
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS
2.7
V (min)
VA
Supply Voltage
5.25
V (max)
VA = +5.25V, fSAMPLE = 1 Msps
2.0
3.2
mA (max)
Supply Current, Normal
Mode (Operational, CS low) V
A = +3.6V, fSAMPLE = 1 Msps
0.6
1.5
mA (max)
IA
fSCLK = 0 MHz, VA = +5V, fSAMPLE = 0 ksps
500
nA
Supply Current, Shutdown
(CS high)
fSCLK = 20 MHz, VA = +5V, fSAMPLE = 0 ksps
60
µA
Power Consumption,
VA = +5V
10
16
mW (max)
Normal Mode (Operational,
VA = +3V
2.0
4.5
mW (max)
CS low)
PD
fSCLK = 0 MHz, VA = +5V, fSAMPLE = 0 ksps
2.5
µW
Power Consumption,
Shutdown (CS high)
fSCLK = 20 MHz, VA = +5V, fSAMPLE = 0 ksps
300
µW
AC ELECTRICAL CHARACTERISTICS
10
MHz (min)
fSCLK
Clock Frequency(3)
See(4)
20
MHz (max)
500
ksps (min)
fS
Sample Rate
See(4)
1
Msps (max)
40
% (min)
DC
SCLK Duty Cycle
fSCLK = 20 MHz
50
60
% (max)
Minimum Time Required for
tACQ
350
ns (max)
Acquisition
tQUIET
See(5)
50
ns (min)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
(3)
This condition is for fSCLK = 20 MHz.
(4)
This is the frequency range over which the electrical performance is guaranteed. The device is functional over a wider range which is
specified under Operating Ratings.
(5)
Minimum Quiet Time required by bus relinquish and the start of the next conversion.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC121S101


Similar Part No. - ADC121S101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S101-Q1 TI1-ADC121S101-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
More results

Similar Description - ADC121S101-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
   Rad-hard 12-bit 0.5 to 50 Msps A/D converter
logo
National Semiconductor ...
ADC122S101 NSC-ADC122S101 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com