Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C088 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C088
Description  ECM Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C088 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C088 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C088 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C088 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C088 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C088 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C088 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC-C088
v00.0612
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
1 - 20 GHz
General Description
Features
Functional Diagram
Typical Applications
the HMC-C088 is a Successive Detection Log Video
Amplifier (SDLVA) which operates from 1 to 20 GHz.
the HMC-C088 provides a logging range of 59 dB.
this product comes standard with two female SMA
field replaceable connectors but can also be used with
blind mate SMP connectors or as a drop-in module.
the package size measures 1.086 x 0.85 x 0.23” (27.58
x 21.6 x 5.84 mm) making it ideal for environmentally
robust applications where space is limited.
the HMC-C088 has an integrated voltage regulator
that allows the SDLVA to operate from a single supply
between +7 and +16V without any appreciable change
in performance.
1 to 20 GHz operation
High Logging range: 59 dB
output Frequency Flatness: ±2 dB
internal Voltage regulation
Fast rise/Fall times: 2/7 ns
Hermetically Sealed Module
Single Positive Supply: +7V to +16V
-55 °C to +85 °C operating temperature
the HMC-C088 is ideal for:
• EW, ELINT & IFM Receivers
• DF radar Systems
• eCM Systems
• Broadband Test & Measurement
• Power Measurement & Control Circuits
• Military & Space Applications
Electrical Specifications, TA = +25 °C Vdc = +12V
Parameter
Conditions
typ.
Units
input Frequency range
1 - 20
GHz
Frequency Flatness
Pin= -30 dBm
±2
dB
Log Linearity
Pin= -50 dBm to +0 dBm
±1
dBm
Log Linearity over temperature
-55 to +85° C, Pin= -30 dBm
±1
dB
Minimum Logging range
to ±3 dB error
-54
dBm
Maximum Logging range
to ±3 dB error
+5
dBm
input return Loss
9
dB
Log Video Minimum output Voltage
0.9
V


Similar Part No. - HMC-C088

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C083 HITTITE-HMC-C083 Datasheet
957Kb / 6P
   MicroSynth INTEGRATED SYNTHESIZER MODULE, 2 - 6 GHz
More results

Similar Description - HMC-C088

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
   ECM Programmable Oscillator
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
logo
List of Unclassifed Man...
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
   ECM Flat Radial Coil
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
   ECM Surface Mount Crystal
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
logo
List of Unclassifed Man...
SG615 ETC1-SG615 Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
   ECM TCXO Crystal Oscillator
logo
ECM Electronics Limited...
MA406 ECM-MA406 Datasheet
63Kb / 1P
   ECM Surface Mount Crystal
logo
List of Unclassifed Man...
VF315 ETC1-VF315 Datasheet
69Kb / 1P
   ECM Surface Mount Oscillator
logo
Epson Company
MA506 EPSON-MA506 Datasheet
72Kb / 1P
   ECM Surface Mount Crystal
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com