Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1056LP4BE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC1056LP4BE
Description  Satellite Communications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1056LP4BE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC1056LP4BE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1056LP4BE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC1056LP4BE
v00.1012
GaAs MMIC I/Q Mixer
8 - 12 GHz
Input IP3, LSB vs. LO Drive
Isolations
IF Bandwidth*
Amplitude Balance, LSB vs. LO Drive
Phase Balance, LSB vs. LO Drive
Data Taken as SSB Downconverter with External IF 90° Hybrid, IF = 100 MHz
0
5
10
15
20
25
30
35
7
8
9
10
11
12
13
8 dBm
10 dBm
12 dBm
RF FREQUENCY (GHz)
* conversion gain data taken with external iF hybrid.
-20
-16
-12
-8
-4
0
0.5
1
1.5
2
2.5
3
3.5
4
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
7
8
9
10
11
12
13
RF FREQUENCY (GHz)
LO/RF
LO/IF1
RF/IF1
RF/IF2
LO/IF2
-2
-1
0
1
2
3
7
8
9
10
11
12
13
8 dBm
10 dBm
12 dBm
RF FREQUENCY (GHz)
-10
-5
0
5
10
7
8
9
10
11
12
13
8 dBm
10 dBm
12 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
7
8
9
10
11
12
13
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
Input IP3, LSB vs. Temperature


Similar Part No. - HMC1056LP4BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1051 HONEYWELL-HMC1051 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1051 HONEYWELL-ACC-HMC1051 Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1051Z ETC-HMC1051Z Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1051Z HONEYWELL-HMC1051Z Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
More results

Similar Description - HMC1056LP4BE

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
   Satellite Communications
logo
Hittite Microwave Corpo...
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
   Satellite Communications
logo
Z-Communications, Inc
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
   Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
   Satellite communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
   Satellite Communications
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
   Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
   Satellite Communications
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   Satellite Communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
   Satellite Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com