Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1055LP2CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC1055LP2CE
Description  Automotive Telematics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1055LP2CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC1055LP2CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
Input P0.1dB vs. Temperature
v00.0912
HMC1055LP2CE
Conditions
Vdd - Vctl ≥ + 1.2 Vdc
-0.2 Vdc < Vdd - Vctl < +0.4 Vdc
RF1 - RF2
OFF
ON
Operating Conditions
Vdd & Vctl = 0 Vdc to +3 Vdc; Vctl_max = Vdd + 0.2 Vdc; Idd & Ictl = 0.1 µA, Typical
GaAs MMIC SPST
FAILSAFE SWITCH, DC - 4 GHz
0
5
10
15
20
25
30
35
0.5
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
Input IP3 vs. Temperature
50
55
60
65
70
75
80
12
3
4
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1055LP2CE AD-HMC1055LP2CE Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
HMC1055LP2CETR AD-HMC1055LP2CETR Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
More results

Similar Description - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
   Automotive telematics
B4234 EPCOS-B4234_1 Datasheet
124Kb / 10P
   Automotive telematics
B3518 EPCOS-B3518 Datasheet
114Kb / 11P
   SAW Diplexer Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
   SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
   SAW filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
   SAW Rx filter Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
   SAW RF filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
   SAW RF filter Automotive telematics
B4304 EPCOS-B4304 Datasheet
101Kb / 8P
   SAW Rx filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
   SAW Tx filter Automotive Telematics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com