Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9099 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9099
Description  TNC Female to TNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9099 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9099 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9099 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9099 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-female-tnc-female-straight-adapter-pe9099-p.aspx
TNC Female to TNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
TNC Female to TNC Female Adapter
PE9099
PE9099 REV


Similar Part No. - PE9099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
   N Male to TNC Female Adapter
PE9091 PASTERNACK-PE9091 Datasheet
362Kb / 4P
   TNC Male to TNC Male Adapter
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
   Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
   UHF Female to UHF Female Adapter
PE9095 PASTERNACK-PE9095 Datasheet
75Kb / 1P
   UHF T FEMALE-MALE-FEMALE
More results

Similar Description - PE9099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
PE91204 PASTERNACK-PE91204 Datasheet
353Kb / 3P
   TNC Female to TNC Female Adapter IP67 Mated
PE91174 PASTERNACK-PE91174 Datasheet
353Kb / 4P
   Low PIM TNC Female to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
   TNC Male to TNC Female Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
   75 Ohm TNC Female to TNC Female Adapter
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
   TNC Female to TNC Female Adapter IP67 UnMated
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
   TNC Male to TNC Female Adapter
logo
List of Unclassifed Man...
9051 ETC2-9051 Datasheet
122Kb / 1P
   TNC FEMALE TO TNC FEMALE RADIUS R/A ADAPTER
logo
Pasternack Enterprises,...
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
   Bulkhead Isolated Ground TNC Female to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com