Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP01 Datasheet(PDF) 7 Page - Analog Devices

Part # AMP01
Description  Low Noise, Precision Instrumentation Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01 Datasheet(HTML) 7 Page - Analog Devices

Back Button AMP01 Datasheet HTML 3Page - Analog Devices AMP01 Datasheet HTML 4Page - Analog Devices AMP01 Datasheet HTML 5Page - Analog Devices AMP01 Datasheet HTML 6Page - Analog Devices AMP01 Datasheet HTML 7Page - Analog Devices AMP01 Datasheet HTML 8Page - Analog Devices AMP01 Datasheet HTML 9Page - Analog Devices AMP01 Datasheet HTML 10Page - Analog Devices AMP01 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AMP01
–7–
REV. D
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, unless otherwise noted)
AMP01NBC
AMP01GBC
Parameter
Symbol
Conditions
Typical
Typical
Units
Input Offset Voltage Drift
TCVIOS
0.15
0.30
µV/°C
Output Offset Voltage Drift
TCVOOS
RG =
20
50
µV/°C
Input Bias Current Drift
TCIB
40
50
pA/
°C
Input Offset Current Drift
TCIOS
3
5
pA/
°C
Nonlinearity
G = 1000
0.0007
0.0007
%
Voltage Noise Density
en
G = 1000
fO = 1 kHz
5
5
nV/
√Hz
Current Noise Density
in
G = 1000
fO = 1 kHz
0.15
0.15
pA/
√Hz
Voltage Noise
en p-p
G = 1000
0.1 Hz to 10 Hz
0.12
0.12
µV p-p
Current Noise
in p-p
G = 1000
2
2
pA p-p
0.1 Hz to 10 Hz
Small-Signal Bandwidth (–3 dB) BW
G = 1000
26
26
kHz
Slew Rate
SR
G = 10
4.5
4.5
V/
µs
Settling Time
tS
To 0.01%, 20 V Step
G = 1000
50
50
µs
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.


Similar Part No. - AMP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01AX AD-AMP01AX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AMP01BX AD-AMP01BX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AMP01EX AD-AMP01EX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AMP01FX AD-AMP01FX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
logo
List of Unclassifed Man...
AMP01GS ETC2-AMP01GS Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AMP01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com