Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8089A Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8089A
Description  3A, 1MHz, Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8089A Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8089A Datasheet HTML 7Page - Richtek Technology Corporation RT8089A Datasheet HTML 8Page - Richtek Technology Corporation RT8089A Datasheet HTML 9Page - Richtek Technology Corporation RT8089A Datasheet HTML 10Page - Richtek Technology Corporation RT8089A Datasheet HTML 11Page - Richtek Technology Corporation RT8089A Datasheet HTML 12Page - Richtek Technology Corporation RT8089A Datasheet HTML 13Page - Richtek Technology Corporation RT8089A Datasheet HTML 14Page - Richtek Technology Corporation RT8089A Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT8089A
11
DS8089A-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Application Information
The RT8089A is a single-phase step-down converter. It
provides single feedback loop, current mode control with
fast transient response. An internal 0.6V reference allows
the output voltage to be precisely regulated for low output
voltage applications. A fixed switching frequency (1MHz)
oscillator and internal compensation are integrated to
minimize external component count. Protection features
include over current protection, under voltage protection
and over temperature protection.
Output Voltage Setting
Connect a resistive voltage divider at the FB between VOUT
and GND to adjust the output voltage. The output voltage
is set according to the following equation :
Chip Enable and Disable
The EN pin allows for power sequencing between the
controller bias voltage and another voltage rail. The
RT8089A remains in shutdown if the EN pin is lower than
400mV. When the EN pin rises above the VEN trip point,
the RT8089A begins a new initialization and soft-start cycle.
Internal Soft-Start
The RT8089A provides an internal soft-start function to
prevent large inrush current and output voltage overshoot
when the converter starts up. The soft-start (SS)
automatically begins once the chip is enabled. During soft-
start, the internal soft-start capacitor becomes charged
and generates a linear ramping up voltage across the
capacitor. This voltage clamps the voltage at the FB pin,
causing PWM pulse width to increase slowly and in turn
reduce the output surge current. The internal 0.6V
reference takes over the loop control once the internal
ramping-up voltage becomes higher than 0.6V.
UVLO Protection
The RT8089A has input Under Voltage Lockout protection
(UVLO). If the input voltage exceeds the UVLO rising
threshold voltage (2.4V typ.), the converter resets and
prepares the PWM for operation. If the input voltage falls
below the UVLO falling threshold voltage during normal
operation, the device will stop switching. The UVLO rising
and falling threshold voltage has a hysteresis to prevent
noise-caused reset. The power sequence of the VCC and
VIN need to be considered if they are powered separately.
The driver voltage of high side MOSFET comes from VIN
input and internal control circuit is powered by VCC. The
VCC has to be powered earlier than the VIN to ensure
that the high side MOSFET never turns on before the
internal control circuit is ready. At power off, the voltage
at the VIN has to be removed before the VCC voltage goes
below the threshold of UVLO.
Inductor Selection
The switching frequency (on-time) and operating point (%
ripple or LIR) determine the inductor value as shown below:
(
)
OUT
IN
OUT
SW
LOAD(MAX)
IN
VV
V
L =
f
LIR
I
V
×−
××
×
where LIR is the ratio of the peak-to-peak ripple current to
the average inductor current.
Find a low loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choice, although powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough not to saturate at the peak inductor current
(IPEAK) :
PEAK
LOAD(MAX)
LOAD(MAX)
LIR
I
= I
+
I
2
⎛⎞
×
⎜⎟
⎝⎠
OUT
REF
R1
V
= V
1
R2
⎛⎞
×+
⎜⎟
⎝⎠
where VREF is the feedback reference voltage 0.6V (typ.).
Figure 1. Setting VOUT with a Voltage Divider
FB
GND
VOUT
R1
R2
The calculation above serves as a general reference. To
further improve transient response, the output inductor
can be further reduced. This relation should be considered
along with the selection of the output capacitor.


Similar Part No. - RT8089A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
   2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RT8088AWSC RICHTEK-RT8088AWSC Datasheet
236Kb / 16P
   2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
More results

Similar Description - RT8089A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com