Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL150AQC Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL150AQC
Description  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL150AQC Datasheet(HTML) 5 Page - Analog Devices

  ADXL150AQC Datasheet HTML 1Page - Analog Devices ADXL150AQC Datasheet HTML 2Page - Analog Devices ADXL150AQC Datasheet HTML 3Page - Analog Devices ADXL150AQC Datasheet HTML 4Page - Analog Devices ADXL150AQC Datasheet HTML 5Page - Analog Devices ADXL150AQC Datasheet HTML 6Page - Analog Devices ADXL150AQC Datasheet HTML 7Page - Analog Devices ADXL150AQC Datasheet HTML 8Page - Analog Devices ADXL150AQC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADXL150/ADXL250
–5–
REV. 0
4.0
4.5
5.0
5.5
6.0
POWER SUPPLY VOLTAGE
5.0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
Figure 3. Typical Sensitivity Error from Ideal Ratiometric
Response for a Number of Units
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 4. Offset Error of Zero g Level from Ideal
VS /2 Response as a Percent of Full-Scale for a Number
of Units
SUPPLY VOLTAGE – Volts
2.4
2.2
1.2
2
1.8
1.6
1.4
46
4.5
5
5.5
+105 C
+25 C
–40 C
Figure 5. Typical Supply Current vs. Supply Voltage
FREQUENCY – Hz
6
100
1k
10k
0
–6
–12
–18
–24
–30
–36
–42
–48
PACKAGE
RESONANCE
BEAM
RESONANCE
Figure 6. Typical Output Response vs. Frequency of
ADXL150/ADXL250 on a PC Board that Has Been
Conformally Coated
050
40
80 90 100
TEMPERATURE – C
–40 –30 –20 –10
10 20
30
60
20
10
0
–10
–20
70
30
–30
Figure 7. Typical Zero g Drift for a Number of Units
TIME – 0.2ms/Div
OUTPUT RESPONSE
500
g INPUT
600
g
500
g
400
g
300
g
200
g
100
g
0
g
60
g
50
g
40
g
30
g
20
g
10
g
0
g
Figure 8. Typical 500 g Step Recovery at the Output
Typical Characteristics (@+5 V dc, +25 C with a 38 mV/g Scale Factor unless otherwise noted)


Similar Part No. - ADXL150AQC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150EM-1 AD-ADXL150EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL150EM-3 AD-ADXL150EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
More results

Similar Description - ADXL150AQC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com