Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8064 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8064
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8064 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8064 Datasheet HTML 5Page - Richtek Technology Corporation RT8064 Datasheet HTML 6Page - Richtek Technology Corporation RT8064 Datasheet HTML 7Page - Richtek Technology Corporation RT8064 Datasheet HTML 8Page - Richtek Technology Corporation RT8064 Datasheet HTML 9Page - Richtek Technology Corporation RT8064 Datasheet HTML 10Page - Richtek Technology Corporation RT8064 Datasheet HTML 11Page - Richtek Technology Corporation RT8064 Datasheet HTML 12Page - Richtek Technology Corporation RT8064 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT8064
11
DS8064-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Derating Curve of Maximum Power Dissipation
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the IC.
Connect the terminal of the input capacitor (s), CIN, as
close to the VIN pin as possible. This capacitor provides
the AC current into the internal power MOSFETs.
LX node experiences high frequency voltage swings so
should be kept within a small area.
Keep all sensitive small signal nodes away from the LX
node to prevent stray capacitive noise pick up.
Connect the FB pin directly to the feedback resistors.
The resistive voltage divider must be connected between
VOUT and GND.
Figure 4. PCB Layout Guide
COMP
SS
EN
VIN
PGOOD
FB
LX
RT
GND
2
3
4
5
6
7
8
9
Place the compensation
components as close to
the IC as possible
VOUT
GND
R2
R1
VIN
CIN
COUT
VOUT
L1
RCOMP
CCOMP
LX should be connected
to inductor by wide and
short trace, and keep
sensitive components
away from this trace
Place the feedback
resistors as close to
the IC as possible
Place the input and output capacitors
as close to the IC as possible
GND
ROSC
GND
CSS
Place the compensation
components as close to
the IC as possible
VOUT
GND
R2
R1
VIN
CIN
COUT
VOUT
L1
RCOMP
CCOMP
LX should be connected
to inductor by wide and
short trace, and keep
sensitive components
away from this trace
Place the feedback
resistors as close to
the IC as possible
Place the input and output capacitors
as close to the IC as possible
GND
ROSC
COMP
SS
VIN
PGOOD
FB
RT
LX
EN
7
6
5
1
2
3
4
8
9
GND
CSS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
SOP-8 (Exposed Pad)
WDFN-8L 3x3
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 (Exposed Pad) packages, the thermal resistance,
θJA, is 75°C/W on a standard JEDEC 51-7 four-layer
thermal test board. For WDFN-8L 3x3 packages, the
thermal resistance,
θJA, is 70°C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formulas :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
SOP-8 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (70°C/W) = 1.429W for
WDFN-8L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curves in Figure 3 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.


Similar Part No. - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
   High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com