Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8064 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8064
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8064 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8064 Datasheet HTML 4Page - Richtek Technology Corporation RT8064 Datasheet HTML 5Page - Richtek Technology Corporation RT8064 Datasheet HTML 6Page - Richtek Technology Corporation RT8064 Datasheet HTML 7Page - Richtek Technology Corporation RT8064 Datasheet HTML 8Page - Richtek Technology Corporation RT8064 Datasheet HTML 9Page - Richtek Technology Corporation RT8064 Datasheet HTML 10Page - Richtek Technology Corporation RT8064 Datasheet HTML 11Page - Richtek Technology Corporation RT8064 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT8064
8
DS8064-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power On from VIN
Time (2.5ms/Div)
VIN = 5V, VOUT = 1.1V, IOUT = 2A, EN = High
IOUT
(2A/Div)
VIN
(5V/Div)
VPGOOD
(10V/Div)
VOUT
(1V/Div)
Time (5ms/Div)
Power Off from VIN
VIN = 5V, VOUT = 1.1V, IOUT = 2A, EN = High
IOUT
(2A/Div)
VIN
(5V/Div)
VPGOOD
(10V/Div)
VOUT
(1V/Div)
Power On from EN
Time (500
μs/Div)
VIN = 5V, VOUT = 1.1V, IOUT = 2A
IOUT
(5A/Div)
VEN
(5V/Div)
VPGOOD
(5V/Div)
VOUT
(2V/Div)
Power Off from EN
Time (250
μs/Div)
VIN = 5V, VOUT = 1.1V, IOUT = 2A
IOUT
(5A/Div)
VEN
(5V/Div)
VPGOOD
(5V/Div)
VOUT
(2V/Div)


Similar Part No. - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
   High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8064

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com