Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK212BJ106ML Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # JMK212BJ106ML
Description  1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK212BJ106ML Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button JMK212BJ106ML Datasheet HTML 2Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation JMK212BJ106ML Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT8058A
6
DS8058A-02 April 2011
www.richtek.com
Output Current vs. Temperature
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.2V
(
°C)
Output Current vs. Input Voltage
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
2.53
3.54
4.55
5.5
Input Voltage (V)
VOUT = 1.2V
EN Voltage vs. Input Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1.2V, IOUT = 0A
Rising
Falling
EN Voltage vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A
Rising
Falling
VIN = 3.3V, VOUT = 1.2V, IOUT = 10mA to 1A
Load Transient Response
Time (50
μs/Div)
IOUT
(1A/Div)
VOUT
(50mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 10mA to 2A
Load Transient Response
Time (50
μs/Div)
IOUT
(1A/Div)
VOUT
(50mV/Div)


Similar Part No. - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
JMK212BJ106ML RICHTEK-JMK212BJ106ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK212BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
   21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com