Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8062 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8062
Description  2A, 2MHz, Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8062 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8062 Datasheet HTML 1Page - Richtek Technology Corporation RT8062 Datasheet HTML 2Page - Richtek Technology Corporation RT8062 Datasheet HTML 3Page - Richtek Technology Corporation RT8062 Datasheet HTML 4Page - Richtek Technology Corporation RT8062 Datasheet HTML 5Page - Richtek Technology Corporation RT8062 Datasheet HTML 6Page - Richtek Technology Corporation RT8062 Datasheet HTML 7Page - Richtek Technology Corporation RT8062 Datasheet HTML 8Page - Richtek Technology Corporation RT8062 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT8062
4
DS8062-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 6.5V
LX Pin Switch Voltage ----------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
<10ns ------------------------------------------------------------------------------------------------------------------
−5V to 8.5V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
LX Pin Switch Current ---------------------------------------------------------------------------------------------- 5A
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------------- 1.33W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VIN = 3.3V, TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VREF
0.784
0.800
0.816
V
Active , VFB = 0.78V, Not
Switching
--
460
--
DC Bias Current
Shutdown
--
--
10
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.1
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 2A
--
0.25
--
%
Error Amplifier
Trans-conductance
gm
--
400
--
μA/V
Current Sense Trans-resistance RT
--
0.3
--
Ω
ROSC = 300k
0.8
1
1.2
Switching Frequency
fSW
Switching
0.2
--
2
MHz
Logic-High
VIH
1.6
--
--
EN Input Voltage
Logic-Low
VIL
--
--
0.4
V


Similar Part No. - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8062

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Monolithic Power System...
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
   High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com