Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8061A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8061A
Description  3A, 1MHz, Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8061A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8061A Datasheet HTML 2Page - Richtek Technology Corporation RT8061A Datasheet HTML 3Page - Richtek Technology Corporation RT8061A Datasheet HTML 4Page - Richtek Technology Corporation RT8061A Datasheet HTML 5Page - Richtek Technology Corporation RT8061A Datasheet HTML 6Page - Richtek Technology Corporation RT8061A Datasheet HTML 7Page - Richtek Technology Corporation RT8061A Datasheet HTML 8Page - Richtek Technology Corporation RT8061A Datasheet HTML 9Page - Richtek Technology Corporation RT8061A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT8061A
6
DS8061A-04
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Load Transient Response
Time (50
μs/Div)
VIN = 5V, VOUT = 1.8V, IOUT = 1.5A to 3A
VOUT
(50mV/Div)
IOUT
(2A/Div)
Over Voltage Protection
Time (10
μs/Div)
VIN = 5V, VOUT = 1.8V, IOUT = 1A
VLX
(2V/Div)
VOUT
(1V/Div)
Switching
Time (500ns/Div)
VOUT
(5mV/Div)
ILX
(2A/Div)
VIN = 5V, VOUT = 1.8V, IOUT = 3A
VLX
(500mV/Div)
Switching
Time (500ns/Div)
VOUT
(5mV/Div)
VLX
(500mV/Div)
ILX
(1A/Div)
VIN = 5V, VOUT = 1.8V, IOUT = 1.5A
Load Transient Response
Time (50
μs/Div)
VIN = 5V, VOUT = 1.8V, IOUT = 0.5A to 3A
VOUT
(50mV/Div)
IOUT
(2A/Div)
RDS(ON) vs. Temperature
35
46
57
68
79
90
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V
P-MOSFET
N-MOSFET


Similar Part No. - RT8061A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8061A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com