Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ4YB1A226M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # ECJ4YB1A226M
Description  1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

ECJ4YB1A226M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button ECJ4YB1A226M Datasheet HTML 6Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 7Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 8Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 9Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 10Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 11Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 12Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 13Page - Richtek Technology Corporation ECJ4YB1A226M Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT8058A
10
DS8058A-02 April 2011
www.richtek.com
Short Circuit Protection
At overload condition, current mode operation provides
cycle-by-cycle current limit to protect the internal power
switches. When the output is shorted to ground, the
inductor current will decays very slowly during a single
switching cycle. A current runaway detector is used to
monitor inductor current. As current increasing beyond
the control of current loop, switching cycles will be skipped
to prevent current runaway from occurring. If the FB voltage
is smaller than 0.3V after the completion of soft-start
period, Under Voltage Protection (UVP) will lock the output
to high-z to protect the converter. UVP lock can only be
cleared by recycling the input power.
Thermal Protection
If the junction temperature of the RT8058A reaches certain
temperature (150
°C), both converters will be disabled. The
RT8058 will be re-enabled and automatically initializes
internal soft start when the junction temperature drops
below 110
°C.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance.
⎥⎦
⎢⎣
⎡ −
×
⎥⎦
⎢⎣
×
=
IN
OUT
OUT
L
V
V
1
L
f
V
ΔI
×
Δ
×
=
IN(MAX)
OUT
L(MAX)
OUT
V
V
1
I
f
V
L
Having a lower ripple current reduces the ESR losses in
the output capacitors and the output voltage ripple. Highest
efficiency operation is achieved at low frequency with small
ripple current. This, however, requires a large inductor. A
reasonable starting point for selecting the ripple current
is
ΔIL = 0.4(IMAX). The largest ripple current occurs at
the highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or mollypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded. This result in an abrupt increase in
inductor ripple current and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don' t radiate energy but generally cost more
than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs. size requirements and
any radiated field/EMI requirements.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
1
V
V
V
V
I
I
OUT
IN
IN
OUT
OUT(MAX)
RMS
=
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that ripple current ratings from
capacitor manufacturers are often based on only 2000
hours of life which makes it advisable to further derate the
capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also
be paralleled to meet size or height requirements in the
design.


Similar Part No. - ECJ4YB1A226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
ECJ4YB1A226M RICHTEK-ECJ4YB1A226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
logo
Panasonic Semiconductor
ECJ4YB1A226M PANASONIC-ECJ4YB1A226M Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ4YB1A226M PANASONIC-ECJ4YB1A226M Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
More results

Similar Description - ECJ4YB1A226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
   21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com