Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL202 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL202
Description  Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL202 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL202 Datasheet HTML 3Page - Analog Devices ADXL202 Datasheet HTML 4Page - Analog Devices ADXL202 Datasheet HTML 5Page - Analog Devices ADXL202 Datasheet HTML 6Page - Analog Devices ADXL202 Datasheet HTML 7Page - Analog Devices ADXL202 Datasheet HTML 8Page - Analog Devices ADXL202 Datasheet HTML 9Page - Analog Devices ADXL202 Datasheet HTML 10Page - Analog Devices ADXL202 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADXL202/ADXL210
–11–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead CERPAK
(QC-14)
0.291 (7.391)
0.285 (7.239)
0.390 (9.906)
MAX
PIN 1
0.419 (10.643)
0.394 (10.008)
7
14
8
1
0.300 (7.62)
0.345 (8.763)
0.290 (7.366)
0.0125 (0.318)
0.009 (0.229)
0.050 (1.270)
0.016 (0.406)
8
°
0
°
SEATING
PLANE
0.020 (0.508)
0.004 (0.102)
0.020 (0.508)
0.013 (0.330)
0.050
(1.27)
BSC
0.195 (4.953)
0.115 (2.921)
0.215 (5.461)
0.119 (3.023)


Similar Part No. - ADXL202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
   Dual Axis Accelerometer Evaluation Board
REV. 0
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Similar Description - ADXL202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com