Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL05AH Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL05AH
Description  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL05AH Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL05AH Datasheet HTML 6Page - Analog Devices ADXL05AH Datasheet HTML 7Page - Analog Devices ADXL05AH Datasheet HTML 8Page - Analog Devices ADXL05AH Datasheet HTML 9Page - Analog Devices ADXL05AH Datasheet HTML 10Page - Analog Devices ADXL05AH Datasheet HTML 11Page - Analog Devices ADXL05AH Datasheet HTML 12Page - Analog Devices ADXL05AH Datasheet HTML 13Page - Analog Devices ADXL05AH Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADXL05
REV. B
–10–
The output of the synchronous demodulator drives the
preamp—an instrumentation amplifier buffer which is refer-
enced to +1.8 volts. The output of the preamp, VPR, is fed back
to the outer plate of the sensor through a 3 M
Ω isolation resis-
tor. The VPR voltage electrostatically resets the sensor back to its
0 g position and is a direct measure of the applied acceleration.
The output of the ADXL05’s preamplifier is 1.8 V
± 200 mV/g,
with an output range of
±1 V for a ±5 g input. An uncommit-
ted buffer amplifier provides the capability to adjust the scale
factor and 0 g offset level over a wide range. An internal refer-
ence supplies the necessary regulated voltages for powering the
chip and +3.4 volts for external use.
A self-test is initiated by applying a TTL “high” level voltage
(> +2.0 V dc) to the ADXL05’s self-test pin, which causes the
chip to apply a deflection voltage to the beam which moves it an
amount equal to –5 g (the negative full-scale output of the de-
vice). Note that the
±15% tolerance of the self-test circuit is not
proportional to the sensitivity error, see Self-Test section.
BASIC CONNECTIONS FOR THE ADXL05
Figure 19 shows the basic connections needed for the ADXL05
to measure accelerations in the
±5 g range with an output scale
factor 400 mV/g, a 2.5 V 0 g level, a
±2.0 V full-scale swing
around 0 g, and a 3 dB bandwidth of approximately 1.6 kHz.
Using the circuit of Figure 19, the overall transfer function is:
VOUT =
R3
R1
1.8 V – VPR
()
()+ R3
R2
(1.8)
()+1.8V
SENSOR
REFERENCE
6
9
10
8
3
2
1
5
7
4
DEMODULATOR
BUFFER
AMP
PREAMP
OSCILLATOR
ADXL05
C2
0.022
µF
OSCILLATOR
DECOUPLING
CAPACITOR
C3
0.1
µF
+5V
DEMODULATOR
CAPACITOR
C1
C1
COM
R1
49.9k
VPR
VIN–
R3
100k
VREF
OUTPUT
R2
274k
+3.4V
VOUT
SELF-TEST
(ST)
+1.8V
0.022
µF
Figure 19. ADXL05 Application Providing an Output Sensitivity of 400 mV/g,
a +2.5 V 0 g Level and a Bandwidth of 1 kHz


Similar Part No. - ADXL05AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Similar Description - ADXL05AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com