Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8016-10GQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8016-10GQW
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016-10GQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8016-10GQW Datasheet HTML 1Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 2Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 3Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 4Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8016-10GQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8016
®
DS8016-04 February 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
+2.5V to +5.5V Input Range
Adjustable Output From 0.6V to VIN
1A Output Current
95% Efficiency
No Schottky Diode Required
1.5MHz Fixed Frequency PWM Operation
Small 6-Lead WDFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Mobile Phones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC
Converter
General Description
The RT8016 is a high-efficiency Pulse-Width-Modulated
(PWM) step-down DC-DC converter. Capable of delivering
1A output current over a wide input voltage range from
2.5V to 5.5V, the RT8016 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs and hand-held devices.
Two operating modes are available including : PWM/Low-
Dropout autoswitch and shut-down modes, the Internal
synchronous rectifier with low RDS(ON) dramatically reduces
conduction loss at PWM mode. No external Schottky
diode is required in practical application.
The RT8016 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper PMOS. The RT8016 enters shut-
down mode and consumes less than 0.1uA when EN pin
is pulled low. The RT8016 also offers a range of 1V to
3.3V with 0.1V per step or adjustable output voltage by
two external resistor.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operating
frequency of 1.5MHz. This along with small WDFN-6L 2x2
package provides small PCB area application. Other
features include soft start, lower internal reference voltage
with 2% accuracy, over temperature protection, and over
current protection.
Ordering Information
Pin Configurations
(TOP VIEW)
WDFN-6L 2x2
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
GND
VIN
FB/VOUT
GND
LX
EN
5
4
1
2
3
6
7
RT8016-
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Output Voltage
Default : Adjustable
10 : 1.0V
11 : 1.1V
:
32 : 3.2V
33 : 3.3V


Similar Part No. - RT8016-10GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016-10PQW RICHTEK-RT8016-10PQW Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8016-10GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com