Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012JB0J106M Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # C2012JB0J106M
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C2012JB0J106M Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button C2012JB0J106M Datasheet HTML 3Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 4Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 5Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 6Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 7Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 8Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 9Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 10Page - Richtek Technology Corporation C2012JB0J106M Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8024
7
DS8024-02 March 2011
www.richtek.com
Output Voltage vs. Temperature
1.15
1.17
1.19
1.21
1.23
1.25
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V, IOUT = 0A
Output Ripple
Time (500ns/Div)
ILX
(500mA/Div)
VLX
(5V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VOUT
(5mV/Div)
Power Off
Time (100
μs/Div)
IIN
(200mA/Div)
VOUT
(1V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VEN
(5V/Div)
Load Transient Response
Time (50
μs/Div)
IOUT
(200mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 200mA to 400mA
Load Transient Response
Time (50
μs/Div)
IOUT
(200mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 100mA to 400mA
Power On
Time (100
μs/Div)
IIN
(200mA/Div)
VOUT
(1V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VEN
(5V/Div)


Similar Part No. - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
C2012JB0J106M RICHTEK-C2012JB0J106M Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - C2012JB0J106M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com