Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R60J475KE19 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # GRM188R60J475KE19
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM188R60J475KE19 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button GRM188R60J475KE19 Datasheet HTML 3Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 4Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 5Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 6Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 7Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 8Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 9Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 10Page - Richtek Technology Corporation GRM188R60J475KE19 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT8016
7
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Ripple Voltage
Time (500ns/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 1A
VOUT
(10mV/Div)
VLX
(5V/Div)
Output Ripple Voltage
Time (500ns/Div)
VIN = 3.6V, VOUT = 1.2V, IOUT = 1A
VOUT
(10mV/Div)
VLX
(5V/Div)
Current Limit vs. Temperature
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-40
-15
10
35
60
85
110
135
Temperature
VIN = 3.6V
(
°C)
VIN = 5V
VIN = 3.3V
VOUT = 1.2V
Current Limit vs. Input Voltage
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.5
2.8 3.1
3.4
3.7
4
4.3
4.6
4.9 5.2
5.5
Input Voltage (V)
VOUT = 1.2V
Frequency vs. Temperature
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-40
-15
10
35
60
85
110
135
Temperature
VIN = 3.6V, VOUT = 1.2V,
IOUT = 300mA
(
°C)
Frequency vs. Input Voltage
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
2.5
2.8
3.1 3.4
3.7
4
4.3
4.6 4.9
5.2
5.5
Input Voltage (V)
VIN = 3.6V, VOUT = 1.2V,
IOUT = 300mA


Similar Part No. - GRM188R60J475KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM188R60J475KE19 RICHTEK-GRM188R60J475KE19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM188R60J475KE19 RICHTEK-GRM188R60J475KE19 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
GRM188R60J475KE19 RICHTEK-GRM188R60J475KE19 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM188R60J475KE19 RICHTEK-GRM188R60J475KE19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM188R60J475KE19 RICHTEK-GRM188R60J475KE19 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - GRM188R60J475KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com