Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK316BJ226ML Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # JMK316BJ226ML
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

JMK316BJ226ML Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button JMK316BJ226ML Datasheet HTML 5Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 6Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 7Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 8Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 9Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 10Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 11Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 12Page - Richtek Technology Corporation JMK316BJ226ML Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT8015B
9
DS8015B-04
March 2011
www.richtek.com
Application Information
The basic RT8015B application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation :
Figure 1. Setting the Output Voltage
⎛ +
×
=
R2
R1
1
V
V
REF
OUT
Soft-Start
The RT8015B contains an internal soft-start clamp that
gradually raises the clamp on the COMP pin. The full
current range becomes available on COMP after 2048
switching cycles as shown in Figure 2.
Figure 2. Soft-Start
Power Good Output
The power good output is an open-drain output and requires
a pull up resistor. When the output voltage is 12.5% above
or 12.5% below its set voltage, PGOOD will be pulled
low. It is held low until the output voltage returns to within
the allowed tolerances once more. In soft start, PGOOD
is actively held low and is allowed to transition high until
soft start finished over and the output voltage reaches
87.5% of its set voltage.
Operating Frequency
Selection of the operating frequency is a tradeoff between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequency improves efficiency by
reducing internal gate charge and switching losses but
requires larger inductance and/or capacitance to maintain
low output ripple voltage.
The operating frequency of the RT8015B is determined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator. The RT resistor value
can be determined by examining the frequency vs. RT
curve. Although frequencies as high as 2MHz are possible,
the minimum on-time of the RT8015B imposes a minimum
limit on the operating duty cycle. The minimum on-time
is typically 110ns. Therefore, the minimum duty cycle is
equal to 100 x 110ns x f(Hz).
Figure 3
0
0.5
1
1.5
2
2.5
0
200
400
600
800
1000
ROSC (k )
ROSC (k
Ω)
RT = 152k for 2MHz
RT = 330k for 1MHz
RT8015B
FB
GND
VOUT
R1
R2
where VREF equals to 0.8V typical.
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.
Time (1ms/Div)
ILX
(1A/Div)
VOUT
(500mV/Div)
VIN
(2V/Div)
VIN = 5V, VOUT = 1.05V, IOUT = 2A


Similar Part No. - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
JMK316BJ226ML RICHTEK-JMK316BJ226ML Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - JMK316BJ226ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com