Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1C22M Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # C3225X5R1C22M
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C22M Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button C3225X5R1C22M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT7272A
9
DS7272A-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Application Information
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive voltage
divider according to the following equation :
OUT
REF
R1
V
= V
1
R2
⎛⎞
+
⎜⎟
⎝⎠
Where VREF is the reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 0.1
μF low ESR ceramic capacitor between the
BOOT and SW pins. This capacitor provides the gate driver
voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT7272A. Note that the external boot voltage must be
lower than 5.5V
Figure 2. External Bootstrap Diode
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shutdown the device. During shutdown
mode, the RT7272A quiescent current drops to lower than
3
μA. Driving the EN pin high (>2.5V, < 18V) will turn on
the device again. For external timing control, the EN pin
can also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 3).
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2.5V
is available, as shown in Figure 4. In this case, a 100k
Ω
pull-up resistor, REN, is connected between VIN and the
EN pin. MOSFET Q1 will be under logic control to pull
down the EN pin.
Figure 3. Enable Timing Control
Figure 4. Digital Enable Control Circuit
RT7272A
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT7272A
100nF
RT7272A
EN
GND
VIN
REN
CEN
EN
RT7272A
EN
GND
100k
VIN
REN
Q1
EN
Under Voltage Protection
Hiccup Mode
The RT7272A provides Hiccup Mode Under Voltage
Protection (UVP). When the VFB voltage drops below 0.4V,
the UVP function will be triggered to shut down switching
operation. If the UVP condition remains for a period, the
RT7272A will retry automatically. When the UVP condition
is removed, the converter will resume operation. The UVP
is disabled during soft-start period.


Similar Part No. - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT6283B RICHTEK-RT6283B Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com