Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER71C226M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # GRM32ER71C226M
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM32ER71C226M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button GRM32ER71C226M Datasheet HTML 6Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 7Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 8Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 9Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 10Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 11Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 12Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 13Page - Richtek Technology Corporation GRM32ER71C226M Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT7272A
11
DS7272A-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
The output ripple will be the highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Higher values,
lower cost ceramic capacitors are now becoming available
in smaller case sizes. Their high ripple current, high voltage
rating and low ESR make them ideal for switching regulator
applications. However, care must be taken when these
capacitors are used at input and output. When a ceramic
capacitor is used at the input and the power is supplied
by a wall adapter through long wires, a load step at the
output can induce ringing at the input, VIN. At best, this
ringing can couple to the output and be mistaken as loop
instability. At worst, a sudden inrush of current through
the long wires can potentially cause a voltage spike at
VIN large enough to damage the part.
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature , TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT7272A, the maximum junction temperature is 125
°C.
The junction to ambient thermal resistance
θJA is layout
dependent. For SOP-8 (Exposed Pad) package, the
thermal resistance
θJA is 75°C/W on the standard JEDEC
51-7 four-layers thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W
(min.copper area PCB layout)
PD(MAX) = (125
°C − 25°C) / (49°C/W) = 2.04W
(70mm2copper area PCB layout)
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package architecture design and the
PCB layout design. However, the package architecture
design had been designed. If possible, it's useful to
increase thermal performance by the PCB layout copper
design. The thermal resistance
θJA can be decreased by
adding copper area under the exposed pad of SOP-8
(Exposed Pad) package.
As shown in Figure 6, the amount of copper area to which
the SOP-8 (Exposed Pad) is mounted affects thermal
performance. When mounted to the standard
SOP-8 (Exposed Pad) pad (Figure 6.a),
θJA is 75°C/W.
Adding copper area of pad under the SOP-8 (Exposed
Pad) (Figure 6.b) reduces the
θJA to 64°C/W. Even further,
increasing the copper area of pad to 70mm2 (Figure 6.e)
reduces the
θJA to 49°C/W.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. The Figure 7 of derating curves allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation allowed.
Figure 7. Derating Curve of Maximum Power Dissipation
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
Ambient Temperature (°C)
Copper Area
70mm
2
50mm
2
30mm
2
10mm
2
Min.Layout
Four-Layer PCB


Similar Part No. - GRM32ER71C226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM32ER71C226M RICHTEK-GRM32ER71C226M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
GRM32ER71C226M RICHTEK-GRM32ER71C226M Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
GRM32ER71C226M RICHTEK-GRM32ER71C226M Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM32ER71C226M RICHTEK-GRM32ER71C226M Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM32ER71C226M RICHTEK-GRM32ER71C226M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - GRM32ER71C226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT6283B RICHTEK-RT6283B Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com