Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK325BJ475MM- Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # UMK325BJ475MM-
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

UMK325BJ475MM- Datasheet(HTML) 1 Page - Richtek Technology Corporation

  UMK325BJ475MM- Datasheet HTML 1Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 2Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 3Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 4Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 5Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 6Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 7Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 8Page - Richtek Technology Corporation UMK325BJ475MM- Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7272A
®
DS7272A-01
January 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A, 36V, 500kHz Synchronous Step-Down Converter
General Description
The RT7272A is a high efficiency, current mode
synchronous step-down DC/DC converter that can deliver
up to 3A output current over a wide input voltage range
from 4.5V to 36V. The device integrates a 150m
Ω high
side and a 80m
Ω low side MOSFET to achieve high
conversion efficiency up to 95%. The current mode control
architecture supports fast transient response and simple
compensation circuit.
A cycle-by-cycle current limit function provides protection
against shorted output and an internal soft-start eliminates
input current surge during start-up. The RT7272A provides
complete protection functions such as input under voltage
lockout, output under voltage protection, over current
protection and thermal shutdown.
The RT7272A is available in the thermal enhanced SOP-8
(Exposed Pad) package.
Features
4.5V to 36V Input Voltage Range
3A Output Current
Internal N-MOSFETs
Current Mode Control
Fixed Frequency Operation : 500kHz
Adjustable Output Voltage from 0.8V to 30V
High Efficiency Up to 95%
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
Adjustable Current Limit
RoHS Compliant and Halogen Free
Applications
Distributed Power Systems
Pre-Regulator for Linear Regulators
Notebook Computers
Point of Load Regulator in Distributed Power System
Digital Set-top Boxes
Personal Digital Recorders
Broadband Communications
Flat Panel TVs and Monitors
Vehicle Electronics
Simplified Application Circuit
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT7272A
Lead Plating System
G : Green (Halogen Free and Pb Free)
VIN
GND
BOOT
FB
SW
L
R1
R2
VOUT
VIN
RT7272A
RLIM
RL
COMP
CC R
C
CB
CIN
COUT


Similar Part No. - UMK325BJ475MM-

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
UMK325BJ475MM- RICHTEK-UMK325BJ475MM- Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
UMK325BJ475MM-T RICHTEK-UMK325BJ475MM-T Datasheet
337Kb / 13P
   5A, 32V, 500kHz Step-Down Converter
logo
Taiyo Yuden (U.S.A.), I...
UMK325BJ475MM-T TAIYO-YUDEN-UMK325BJ475MM-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
logo
Richtek Technology Corp...
UMK325BJ475MM-T RICHTEK-UMK325BJ475MM-T Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
More results

Similar Description - UMK325BJ475MM-

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT6283B RICHTEK-RT6283B Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
   3A, 24V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com