Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7175A Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 5 Page - Analog Devices

  ADV7175A Datasheet HTML 1Page - Analog Devices ADV7175A Datasheet HTML 2Page - Analog Devices ADV7175A Datasheet HTML 3Page - Analog Devices ADV7175A Datasheet HTML 4Page - Analog Devices ADV7175A Datasheet HTML 5Page - Analog Devices ADV7175A Datasheet HTML 6Page - Analog Devices ADV7175A Datasheet HTML 7Page - Analog Devices ADV7175A Datasheet HTML 8Page - Analog Devices ADV7175A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
–5–
REV. B
ADV7175A/ADV7176A
Parameter
Conditions
1
Min
Typ
Max
Units
Filter Characteristics
Luma Bandwidth
3 (Low-Pass Filter)
NTSC Mode
Stopband Cutoff
>54 dB Attenuation
7.0
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
4.2
MHz
Chroma Bandwidth
NTSC Mode
Stopband Cutoff
>40 dB Attenuation
3.2
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
2.0
MHz
Luma Bandwidth
3 (Low-Pass Filter)
PAL MODE
Stopband Cutoff
>50 dB Attenuation
7.4
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
5.0
MHz
Chroma Bandwidth
PAL MODE
Stopband Cutoff
>40 dB Attenuation
4.0
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
2.4
MHz
Differential Gain
4
Normal Power Mode
0.7
%
Differential Phase4
Normal Power Mode
0.5
Degree
SNR
4 (Pedestal)
RMS
75
dB rms
SNR
4 (Pedestal)
Peak Periodic
68
dB p-p
SNR4 (Ramp)
RMS
58
dB rms
SNR
4 (Ramp)
Peak Periodic
56
dB p-p
Hue Accuracy
4
1.0
Degree
Color Saturation Accuracy4
1.2
%
Luminance Nonlinearity
4
1.1
±%
Chroma AM Noise
4
NTSC
67
dB
Chroma PM Noise4
NTSC
63
dB
Chroma AM Noise
4
PAL
64
dB
Chroma PM Noise
4
PAL
63
dB
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
2Temperature range T
MIN to TMAX: 0
°C to +70°C.
3These specifications are for the low-pass filter only and guaranteed by design. For other internal filters, see Figure 4.
4Guaranteed by characterization.
Specifications subject to change without notice.
3.3 V DYNAMIC SPECIFICATIONS
1
(VAA = +3.0 V – 3.6 V
1, V
REF = 1.235 V RSET = 300
. All specifications TMIN to TMAX
2
unless otherwise noted.)


Similar Part No. - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results

Similar Description - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com