Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS601M Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # RS601M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS601M Datasheet(HTML) 4 Page - Rectron Semiconductor

  RS601M_10 Datasheet HTML 1Page - Rectron Semiconductor RS601M_10 Datasheet HTML 2Page - Rectron Semiconductor RS601M_10 Datasheet HTML 3Page - Rectron Semiconductor RS601M_10 Datasheet HTML 4Page - Rectron Semiconductor RS601M_10 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
BULK PACK
PACKAGE
EA PER BOX
INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
GROSS
WEIGHT(Kg)
TUBE PACK
PACKAGE
EA PER BOX
INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
WEIGHT(Kg)
600
490*135*110
510*293*131
1,200
13.12
PACKING CODE
PACKING CODE
-C
RS-6M
RS-6M
-B
300
230*190*46
410*243*157
1,800
13.37


Similar Part No. - RS601M_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS601M SECOS-RS601M Datasheet
93Kb / 2P
   VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
logo
Zibo Seno Electronic En...
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS601M_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
RS601L RECTRON-RS601L Datasheet
85Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2021--07 REV:C
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
logo
Kingtronics Internation...
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610 Datasheet
387Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
logo
GOOD-ARK Electronics
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
KBPC6 GOOD-ARK-KBPC6_15 Datasheet
698Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com