Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z5251B Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MM1Z5251B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MM1Z5251B Datasheet(HTML) 3 Page - Rectron Semiconductor

  MM1Z5251B Datasheet HTML 1Page - Rectron Semiconductor MM1Z5251B Datasheet HTML 2Page - Rectron Semiconductor MM1Z5251B Datasheet HTML 3Page - Rectron Semiconductor MM1Z5251B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( MM1Z5221B-MM1Z5261B )
0.4
0.5
0.6
0.3
0.2
0.1
0
1000
100
10
1000
1
100
10
1
10
100
0
10
20
30
40
0
25
50
75
100
125
150
1
10
100
30
20
10
0
Figure 1 Power Dissipation vs Ambient Temperature
Figure 3 Zener Voltage vs Zener Impedence
TA,AMBIENT TEMPERATURE(OC)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE(V)
Figure 2 Typical Capacitance
VZ,ZENER VOLTAGE(V)
Figure 5 Zener Breakdown Characteristics
IZ = 1.0mA
TJ = 25OC 10
12
15
18
22
27
33
36 39
50
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
VZ,ZENER VOLTAGE(V)
Figure 4 Zener Breakdown Characteristics
TJ = 25OC
5V6
6V8
8V2
Test Current Iz
20mA
Test Current Iz
Nominal Zener Voltage
TJ = 25OC
VR = 1V
VR = 2V
100
Figure 6. 8×20s Pulse Waveform
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
t, TIME ( s)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 s
HALF VALUE IRSM/2 @ 20 s
PEAK VALUE IRSM @ 8 s


Similar Part No. - MM1Z5251B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5251B SEMTECH_ELEC-MM1Z5251B Datasheet
287Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z5251B HTSEMI-MM1Z5251B Datasheet
676Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z5251B DGNJDZ-MM1Z5251B Datasheet
147Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM1Z5251B SY-MM1Z5251B Datasheet
456Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Zowie Technology Corpor...
MM1Z5251BH ZOWIE-MM1Z5251BH Datasheet
278Kb / 3P
   SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
More results

Similar Description - MM1Z5251B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com