Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4FMAJ13A Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # P4FMAJ13A
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAJ13A Datasheet(HTML) 3 Page - Rectron Semiconductor

  P4FMAJ13A Datasheet HTML 1Page - Rectron Semiconductor P4FMAJ13A Datasheet HTML 2Page - Rectron Semiconductor P4FMAJ13A Datasheet HTML 3Page - Rectron Semiconductor P4FMAJ13A Datasheet HTML 4Page - Rectron Semiconductor P4FMAJ13A Datasheet HTML 5Page - Rectron Semiconductor P4FMAJ13A Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RECTRON
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
50
40
30
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method) TJ = TJ max.
SURGE CURRENT UNIDIRECTIONAL
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (
)
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
200
60Hz
Resistive or Inductive Load
RATING AND CHARACTERISTIC CURVES ( P4FMAJ6.8 THRU P4FMAJ400CA )
TJ = 25
FIG. 7 -TYPICAL REVERSE LEAKAGE
V(BR) BREAKDOWN VOLTAGE, VOLTS
100
10
1
0.1
0.01
0
100
200
300
400
600
Measured at Devices
Stand-off
Voltage, VWM
CHARACTERISTICS


Similar Part No. - P4FMAJ13A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ13A RECTRON-P4FMAJ13A Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ13A RECTRON-P4FMAJ13A Datasheet
181Kb / 9P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4FMAJ13A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMAJ RECTRON-TFMAJ Datasheet
989Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6FMBJ RECTRON-P6FMBJ Datasheet
1Mb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com