Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADV7172 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
Download  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
–5–
REV. A
ADV7172/ADV7173
Parameter
Conditions
1
Min
Typ
Max
Units
Differential Gain3, 4
Normal Power Mode
0.3
0.7
%
Differential Phase3, 4
Normal Power Mode
0.4
0.7
Degrees
Differential Gain3, 4
Lower Power Mode
0.5
1.0
%
Differential Phase3, 4
Lower Power Mode
2.0
3.0
Degrees
SNR3, 4 (Pedestal)
RMS
75
dB rms
SNR3, 4 (Pedestal)
Peak Periodic
66
dB p-p
SNR3, 4 (Ramp)
RMS
60
dB rms
SNR3, 4 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy3, 4
0.7
Degrees
Color Saturation Accuracy3, 4
0.9
%
Chroma Nonlinear Gain3, 4
Referenced to 40 IRE
1.2
±%
Chroma Nonlinear Phase3, 4
0.3
0.5
±Degrees
Chroma/Luma Intermod3, 4
0.2
0.4
±%
Chroma/Luma Gain Inequality3, 4
1.0
±%
Chroma/Luma Delay Inequality3, 4
0.5
ns
Luminance Nonlinearity3, 4
1.0
1.7
±%
Chroma AM Noise3, 4
79
82
dB
Chroma PM Noise3, 4
79
80
dB
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V range.
2Temperature range T
MIN to TMAX: 0 °C to +70 °C.
3These specifications are for the low-pass filter only and guaranteed by design.
4Guaranteed by characterization.
Specifications subject to change without notice.
5 V DYNAMIC SPECIFICATIONS
(VAA = +5 V
5%
1, V
REF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
Conditions1
Min
Typ
Max
Units
Differential Gain3
Normal Power Mode
0.6
%
Differential Phase3
Normal Power Mode
0.5
Degrees
Differential Gain3
Lower Power Mode
1.0
%
Differential Phase3
Lower Power Mode
0.5
Degrees
SNR3 (Pedestal)
RMS
75
dB rms
SNR3 (Pedestal)
Peak Periodic
70
dB p-p
SNR3 (Ramp)
RMS
60
dB rms
SNR3 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy3
1.0
Degrees
Color Saturation Accuracy3
1.0
%
Luminance Nonlinearity3
1.1
±%
Chroma AM Noise3
83
dB
Chroma PM Noise3
79
dB
Chroma Nonlinear Gain3, 4
Referenced to 40 IRE
1.2
±%
Chroma Nonlinear Phase3, 4
0.3
±Degrees
Chroma/Luma Intermod3, 4
0.2
±%
NOTES
1The max/min specification are guaranteed over this range. The max with values are typical over a 3.0 V to 3.6 V range.
2Temperature range T
MIN to TMAX: 0 °C to +70 °C.
3Guaranteed by characterization.
4These specifications are for the low-pass filter only and guaranteed by design.
Specifications subject to change without notice.
3.3 V DYNAMIC SPECIFICATIONS
(VAA = +3.0 V – 3.6 V
1, V
REF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADV7170Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
ADV7190Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs 1 2 3 4 5 MoreAnalog Devices
ADV7192Video Encoder with Six 10-Bit DACs 54 MHz Oversampling and Progressive Scan Inputs 1 2 3 4 5 MoreAnalog Devices
ADV7300AMultiformat SD Progressive Scan/HDTV Video Encoder with Six NSV™ 12-Bit DACs 1 2 3 4 5 MoreAnalog Devices
ADV7320Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs 1 2 3 4 5 MoreAnalog Devices
ADV7304AMultiformat SD Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
ADV7314Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
ADV7324Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
ADV7174Chip Scale PAL/NTSC Video Encoder with Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
THS73533-Channel Low Power Video Buffer with I2C Control Selectable Filters External Gain Control 2:1 Input MUX and Selectable Input Modes 1 2 3 4 5 MoreTI store

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl