Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7172 Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 41Page - Analog Devices ADV7172 Datasheet HTML 42Page - Analog Devices ADV7172 Datasheet HTML 43Page - Analog Devices ADV7172 Datasheet HTML 44Page - Analog Devices ADV7172 Datasheet HTML 45Page - Analog Devices ADV7172 Datasheet HTML 46Page - Analog Devices ADV7172 Datasheet HTML 47Page - Analog Devices ADV7172 Datasheet HTML 48Page - Analog Devices ADV7172 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
ADV7172/ADV7173
–45–
REV. A
APPENDIX 4
WIDE SCREEN SIGNALING
The ADV7172/ADV7173 supports Wide Screen Signaling (WSS) conforming to the standard. WSS data is transmitted on Line 23.
WSS data can only be transmitted when the ADV7172/ADV7173 is configured in PAL mode. The WSS data is 14 bits long, the
function of each of these bits is as shown below. The WSS data is preceded by a run-in sequence and a Start Code (see Figure 71).
The bits are output from the configuration registers in the following order: C/W20 = W0, C/W21 = W1, C/W22 = W2, C/W23 = W3,
C/W24 = W4, C/W25 = W5, C/W26 = W6, C/W27 = W7, C/W10 = W8, C/W11 = W9, C/W12 = W10, C/W13 = W11, C/W14 = W12,
C/W15 = W13. If the Bit C/W07 is set to a Logic “1” it enables the WSS data to be transmitted on Line 23. The latter portion of
Line 23 (42.5
µs from the falling edge of HSYNC) is available for the insertion of video.
Function of CGMS Bits
Bit 0–Bit 2
Aspect Ratio/Format/Position
Bit 3 is odd parity check of Bit 0–Bit 2
B0 B1 B2 B3
Aspect Ratio
Format
Position
0001
4:3
Full Format
Nonapplicable
1000
14:9
Letterbox
Center
0100
14:9
Letterbox
Top
1101
16:9
Letterbox
Center
0010
16:9
Letterbox
Top
1011
>16:9
Letterbox
Center
0111
14:9
Full Format
Center
1110
16:9
Nonapplicable
Nonapplicable
11.0 s
W0
W1 W2
W3 W4
W5
W6 W7
W8 W9 W10 W11 W12 W13
500mV
RUN-IN
SEQUENCE
START
CODE
ACTIVE
VIDEO
38.4 s
42.5 s
Figure 71. WSS Waveform Diagram
B4
0
Camera Mode
1
Film Mode
B5
0
Standard Coding
1
Motion Adaptive Color Plus
B6
0
No Helper
1
Modulated Helper
B7
RESERVED
B9
B10
0
0
No Open Subtitles
1
0
Subtitles In Active Image Area
0
1
Subtitles Out of Active Image Area
1
1
Reserved
B11
0
No Surround Sound Information
1
Surround Sound Mode
B12
RESERVED
B13
RESERVED


Similar Part No. - ADV7172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7172 AD-ADV7172 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7172KST AD-ADV7172KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
More results

Similar Description - ADV7172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com