Electronic Components Datasheet Search |
|
ADV7172 Datasheet(PDF) 41 Page - Analog Devices |
|
ADV7172 Datasheet(HTML) 41 Page - Analog Devices |
41 / 59 page ADV7172/ADV7173 –41– REV. A The ADV7172/ADV7173 is a highly integrated circuit containing both precision analog and high speed digital circuitry. It has been designed to minimize interference effects on the integrity of the analog circuitry by the high speed digital circuitry. It is imperative that these same design and layout techniques be applied to the system level design so that high speed, accurate performance is achieved. The Recommended Analog Circuit Layout shows the analog interface between the device and monitor. The layout should be optimized for lowest noise on the ADV7172/ ADV7173 power and ground lines by shielding the digital inputs and providing good decoupling. The lead length between groups of VAA and GND pins should by minimized to minimize induc- tive ringing. Ground Planes The ground plane should encompass all ADV7172/ADV7173 ground pins, voltage reference circuitry, power supply bypass circuitry for the ADV7172/ADV7173, the analog output traces, and all the digital signal traces leading up to the ADV7172/ ADV7173. The ground plane is the board’s common ground plane. This should be as substantial as possible to maximize heat spreading and power dissipation on the board. Power Planes The ADV7172/ADV7173, and any associated analog circuitry, should have its own power plane, referred to as the analog power plane (VAA). This power plane should be connected to the regular PCB power plane (VCC) at a single point through a ferrite bead. This bead should be located within three inches of the ADV7172/ADV7173. The metallization gap separating device power plane and board power plane should be as narrow as possible to minimize the obstruction to the flow of heat from the device into the general board. The PCB power plane should provide power to all digital logic on the PC board, and the analog power plane should provide power to all ADV7172/ADV7173 power pins and voltage refer- ence circuitry. Plane-to-plane noise coupling can be reduced by ensuring that portions of the regular PCB power and ground planes do not overlay portions of the analog power plane unless they can be arranged so that the plane-to-plane noise is common-mode. APPENDIX 1 BOARD DESIGN AND LAYOUT CONSIDERATIONS Supply Decoupling For optimum performance, bypass capacitors should be in- stalled using the shortest leads possible, consistent with reliable operation, to reduce the lead inductance. Best performance is obtained with 0.1 µF ceramic capacitor decoupling. Each group of VAA pins on the ADV7172/ADV7173 must have at least one 0.1 µF decoupling capacitor to GND. These capacitors should be placed as close to the device as possible. It is important to note that while the ADV7172/ADV7173 con- tains circuitry to reject power supply noise, this rejection de- creases with frequency. If a high frequency switching power supply is used, the designer should pay close attention to reduc- ing power supply noise and consider using a three-terminal voltage regulator for supplying power to the analog power plane. Digital Signal Interconnect The digital inputs to the ADV7172/ADV7173 should be iso- lated as much as possible from the analog outputs and other analog circuitry. Also, these input signals should not overlay the analog power plane. Due to the high clock rates involved, long clock lines to the ADV7172/ADV7173 should be avoided to reduce noise pickup. Any active termination resistors for the digital inputs should be connected to the regular PCB power plane (VCC) and not the analog power plane. Analog Signal Interconnect The ADV7172/ADV7173 should be located as close to the output connectors as possible to minimize noise pickup and reflections due to impedance mismatch. The video output signals should overlay the ground plane, not the analog power plane, to maximize the high frequency power supply rejection. Digital inputs, especially pixel data inputs and clocking signals, should never overlay any of the analog signal circuitry and should be kept as far away as possible. For best performance, the outputs should each have a 75 Ω load resistor connected to GND. These resistors should be placed as close as possible to the ADV7172/ADV7173 to minimize reflections. The ADV7172/ADV7173 should have no inputs left floating. Any inputs that are not required should be tied to ground. |
Similar Part No. - ADV7172 |
|
Similar Description - ADV7172 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |