Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBU801M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RBU801M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU801M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RBU801M_10 Datasheet HTML 1Page - Rectron Semiconductor RBU801M_10 Datasheet HTML 2Page - Rectron Semiconductor RBU801M_10 Datasheet HTML 3Page - Rectron Semiconductor RBU801M_10 Datasheet HTML 4Page - Rectron Semiconductor RBU801M_10 Datasheet HTML 5Page - Rectron Semiconductor RBU801M_10 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
AVERAGE RECTIFIER FORWARD CURRENT, (A)
HEAT SINK TEMPERATURE, (
OC)
0.4
1.0
4.0
0.1
0.4
10
20
0
2.0
4.0
6.0
8.0
0.8
0.6
1.0
1.2
150
100
50
0
0
2
4
0
8
12
16
20
24
28
12
10
4
6
8
14
RATING AND CHARACTERISTICS CURVES ( RBU801M THRU RBU807M )
FIG.3 FORWARD DISSIPATION
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
0
120
160
200
40
80
240
5
2
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method
TC = 150 OC (TYP.)
TC = 25 OC (TYP.)
pulse test per
one diode
sine wave
TJ =150OC


Similar Part No. - RBU801M_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU801M RECTRON-RBU801M_13 Datasheet
175Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - RBU801M_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU801M RECTRON-RBU801M Datasheet
174Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801M RECTRON-RS801M_10 Datasheet
347Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS805MH RECTRON-RS805MH Datasheet
160Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 to 1000 Volts CURRENT 8.0 Amperes
2021-12/30 REV:A
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
RS801M RECTRON-RS801M Datasheet
29Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
logo
GOOD-ARK Electronics
KBJ8A GOOD-ARK-KBJ8A_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
GBU8005 GOOD-ARK-GBU8005_15 Datasheet
755Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
KBPC8 GOOD-ARK-KBPC8_15 Datasheet
616Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 8.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com