Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP15A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 3KP15A
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

3KP15A Datasheet(HTML) 1 Page - Rectron Semiconductor

  3KP15A Datasheet HTML 1Page - Rectron Semiconductor 3KP15A Datasheet HTML 2Page - Rectron Semiconductor 3KP15A Datasheet HTML 3Page - Rectron Semiconductor 3KP15A Datasheet HTML 4Page - Rectron Semiconductor 3KP15A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Plastic package has underwriters laboratory
* Glass passivated chip construction
* 3000 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
TVS
3KP
SERIES
R-6
3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
GPP TRANSIENT VOLTAGE SUPPRESSOR
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
RATINGS
Peak Pulse Current with a 10/1000uS waveform (Note 1, Fig. 3)
Peak Forward Surge Current, 8.3ms single half sine wave-
superimposed on rated load( JEDEC METHOD ) (Note 3)
Steady State Power Dissipation at TL = 75
oC lead lengths
0.375” (9.5mm) (Note 2)
SYMBOL
PM(AV)
IFSM
Amps
UNITS
Watts
Peak Pulse Power Dissipation with a 10/1000uS
waveform (Note 1, FIG.1)
Minimum 3000
8.0
250
VALUE
PPPM
Watts
IPPM
Amps
SEE TABLE 1
2009-02
REV: O
TJ, TSTG
-55 to + 175
0 C
Operating and Storage Temperature Range
3. Measured on 8.3mS single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
NOTES :
2. Mounted on copper pad area of 0.8 X 0.8” ( 20 X 20mm ) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
.360 (9.1)
.340 (8.6)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.340 (8.6)
.360 (9.1)
1.0 (25.4)
MIN.
DEVICES
FOR
BIPOLAR
APPLICATIONS
For Bidirectional use C or CA suffix for types 3KP5.0 thru 3KP110
Electrical characteristics apply in both direction


Similar Part No. - 3KP15A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
3KP15A LUGUANG-3KP15A Datasheet
950Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Pan Jit International I...
3KP15A PANJIT-3KP15A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
CHENG-YI ELECTRONIC CO....
3KP15A CHENG-YI-3KP15A Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
3KP15A GWSEMI-3KP15A Datasheet
189Kb / 4P
   3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Yint Electroni...
3KP15A YINT-3KP15A Datasheet
902Kb / 5P
   3KP Transient Voltage Suppressor Diode Series
More results

Similar Description - 3KP15A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com