Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9Y8R5-80E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9Y8R5-80E
Description  N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y8R5-80E Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9Y8R5-80E Datasheet HTML 1Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 2Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 3Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 4Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 5Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 6Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 7Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 8Page - NXP Semiconductors BUK9Y8R5-80E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK9Y8R5-80E
N-channel 80 V, 8.5 mΩ logic level MOSFET in LFPAK56
20 February 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Logic level N-channel MOSFET in an LFPAK56 (Power SO8) package using TrenchMOS
technology. This product has been designed and qualified to AEC Q101 standard for use
in high performance automotive applications.
2. Features and benefits
Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True logic level gate with VGS(th) rating of greater than 0.5 V at 175 °C
3. Applications
12 V, 24 V and 48 V Automotive systems
Motors, lamps and solenoid control
Transmission control
Ultra high performance power switching
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
80
V
ID
drain current
VGS = 5 V; Tmb = 25 °C; Fig. 1
[1]
-
-
100
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
238
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 5 V; ID = 25 A; Tj = 25 °C; Fig. 11
-
6.3
8.5
Dynamic characteristics
QGD
gate-drain charge
VGS = 5 V; ID = 25 A; VDS = 64 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
17.1
-
nC
[1] Continuous current is limited by package.


Similar Part No. - BUK9Y8R5-80E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y8R5-80E NEXPERIA-BUK9Y8R5-80E Datasheet
742Kb / 13P
   N-channel 80 V, 8.5 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y8R5-80E PHILIPS-BUK9Y8R5-80E_15 Datasheet
319Kb / 13P
   N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK9Y8R5-80E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y8R5-80E PHILIPS-BUK9Y8R5-80E_15 Datasheet
319Kb / 13P
   N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y107-80E PHILIPS-BUK9Y107-80E_15 Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y11-80E NXP-BUK9Y11-80E Datasheet
322Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y41-80E NXP-BUK9Y41-80E Datasheet
355Kb / 13P
   N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y8R5-80E NEXPERIA-BUK9Y8R5-80E Datasheet
742Kb / 13P
   N-channel 80 V, 8.5 mΩ logic level MOSFET in LFPAK56
8 May 2013
PSMN014-80YL NEXPERIA-PSMN014-80YL Datasheet
764Kb / 13P
   N-channel 80 V, 14 m廓 logic level MOSFET in LFPAK56
PSMN8R0-80YL NEXPERIA-PSMN8R0-80YL Datasheet
738Kb / 12P
   N-channel 80 V, 8 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y25-80E PHILIPS-BUK9Y25-80E_15 Datasheet
357Kb / 13P
   N-channel 80 V, 27 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
PSMN025-80YL NEXPERIA-PSMN025-80YL Datasheet
768Kb / 13P
   N-channel 80 V, 25 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y107-80E NXP-BUK9Y107-80E Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com