Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9Y4R8-60E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9Y4R8-60E
Description  N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y4R8-60E Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9Y4R8-60E Datasheet HTML 1Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 2Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 3Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 4Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 5Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 6Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 7Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 8Page - NXP Semiconductors BUK9Y4R8-60E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
BUK9Y4R8-60E
N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
BUK9Y4R8-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
3 / 13
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
[3]
-
100
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
593
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
ID = 100 A; Vsup ≤ 60 V; RGS = 50 Ω;
VGS = 5 V; Tj(init) = 25 °C; unclamped;
Fig. 3
[4][5]
-
199
mJ
[1] Accumulated pulse duration up to 50 hours delivers zero defect ppm
[2] Significantly longer life times are achieved by lowering Tj and or VGS
[3] Continuous current is limited by package.
[4] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C.
[5] Refer to application note AN10273 for further information.
003aaj140
0
50
100
150
200
0
50
100
150
200
Tmb (°C)
ID
(A)
(1)
(1) Capped at 100A due to package
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature


Similar Part No. - BUK9Y4R8-60E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y4R8-60E NEXPERIA-BUK9Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
7 January 2016
logo
NXP Semiconductors
BUK9Y4R8-60E PHILIPS-BUK9Y4R8-60E_15 Datasheet
306Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK9Y4R8-60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y4R8-60E PHILIPS-BUK9Y4R8-60E_15 Datasheet
306Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK7Y4R8-60E NXP-BUK7Y4R8-60E Datasheet
296Kb / 13P
   N-channel 60 V, 4.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y4R8-60E NEXPERIA-BUK9Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
7 January 2016
logo
NXP Semiconductors
BUK9Y6R0-60E PHILIPS-BUK9Y6R0-60E_15 Datasheet
307Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y25-60E PHILIPS-BUK9Y25-60E_15 Datasheet
317Kb / 13P
   N-channel 60 V, 25 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y8R7-60E NXP-BUK9Y8R7-60E Datasheet
352Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y59-60E NXP-BUK9Y59-60E Datasheet
322Kb / 13P
   N-channel 60 V, 59 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y6R0-60E NXP-BUK9Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN4R1-60YL NEXPERIA-PSMN4R1-60YL Datasheet
732Kb / 12P
   N-channel 60 V, 4.1 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y8R7-60E PHILIPS-BUK9Y8R7-60E_15 Datasheet
353Kb / 13P
   N-channel 60 V, 8.7 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com