Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7Y43-60E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7Y43-60E
Description  N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y43-60E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7Y43-60E Datasheet HTML 2Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 3Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 4Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 5Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 6Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 7Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 8Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 9Page - NXP Semiconductors BUK7Y43-60E Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK7Y43-60E
N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
BUK7Y43-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ciss
input capacitance
-
463
617
pF
Coss
output capacitance
-
92
110
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
66
91
pF
td(on)
turn-on delay time
-
4
-
ns
tr
rise time
-
6
-
ns
td(off)
turn-off delay time
-
7
-
ns
tf
fall time
VDS = 45 V; RL = 5 Ω; VGS = 10 V;
RG(ext) = 5 Ω; Tj = 25 °C
-
6
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 5 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.83
1.2
V
trr
reverse recovery time
-
18
-
ns
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V; Tj = 25 °C
-
13
-
nC
003aai614
0
10
20
30
40
50
0
1
2
3
4
VDS(V)
ID
(A)
VGS(V) = 10
4.5
5
6
6.5
7
5.5
8
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aai615
0
20
40
60
80
0
5
10
15
20
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - BUK7Y43-60E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y43-60E NEXPERIA-BUK7Y43-60E Datasheet
732Kb / 13P
   N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK7Y43-60E PHILIPS-BUK7Y43-60E_15 Datasheet
303Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results

Similar Description - BUK7Y43-60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y43-60E PHILIPS-BUK7Y43-60E_15 Datasheet
303Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK9Y43-60E NXP-BUK9Y43-60E Datasheet
351Kb / 13P
   N-channel 60 V, 43 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y43-60E PHILIPS-BUK9Y43-60E_15 Datasheet
352Kb / 13P
   N-channel 60 V, 43 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK7Y59-60E PHILIPS-BUK7Y59-60E_15 Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
7 May 2013
logo
Nexperia B.V. All right...
BUK7Y43-60E NEXPERIA-BUK7Y43-60E Datasheet
732Kb / 13P
   N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK7Y6R0-60E NXP-BUK7Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y59-60E NXP-BUK7Y59-60E Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-60E NXP-BUK7Y15-60E Datasheet
350Kb / 13P
   N-channel 60 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-60E PHILIPS-BUK7Y25-60E_15 Datasheet
352Kb / 13P
   N-channel 60 V, 25 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com