Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2166KS-66 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-2166KS-66
Description  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2166KS-66 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-2166KS-66 Datasheet HTML 4Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 5Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 6Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 7Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 8Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 9Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 10Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 11Page - Analog Devices ADSP-2166KS-66 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
REV. 0
ADSP-216x
–8–
ADSP-2163/ADSP-2164
When MMAP = 0, on-chip program memory ROM occupies
4K words beginning at address 0x0000. Off-chip program
memory uses the remaining 12K words beginning at address
0x1000.
When MMAP = 1, 2K words of off-chip program memory begin
at address 0x0000. 2K words of on-chip program memory ROM
is at 0x0800 to 0x0FF0, and the remainder 2K words of pro-
gram memory ROM is at 0x3800 to 0x3FFF. An additional
10K of off-chip program memory is at 0x1000 to 0x37FF.
MMAP = 0
4K
INTERNAL
ROM
RESERVED
MMAP = 1
0x0000
0x0FF0
0x0FFF
0x1000
0x3FFF
2K
EXTERNAL
RESERVED
0x0000
0x0FF0
0x0FFF
0x1000
0x3FFF
2K
INTERNAL
ROM
10K
EXTERNAL
2K
INTERNAL
ROM
0x07FF
0x0800
0x37FF
0x3800
12K
EXTERNAL
Figure 6. ADSP-2163/ADSP-2164 Program Memory Maps
Data Memory Interface
The data memory address bus (DMA) is 14 bits wide. The
bidirectional external data bus is 24 bits wide, with the upper 16
bits used for data memory data (DMD) transfers.
The data memory select (DMS) signal indicates access to data
memory and can be used as a chip select signal. The write (WR)
signal indicates a write operation and can be used as a write
strobe. The read (RD) signal indicates a read operation and can
be used as a read strobe or output enable signal.
The ADSP-216x processors support memory-mapped I/O, with
the peripherals memory-mapped into the data memory address
space and accessed by the processor in the same manner as data
memory.
Data Memory Map
For the ADSP-2165/ADSP-2166, on-chip data memory RAM
resides in the 4K words beginning at address 0x2000, as shown
in Figure 7. Data memory locations from 0x3000 to the end of
data memory at 0x3FFF are reserved. Control and status regis-
ters for the system, timer, wait-state configuration, and serial port
operations are located in this region of memory.
The remaining 8K of data memory is located off-chip. This
external data memory is divided into three zones, each associ-
ated with its own wait-state generator. This allows slower pe-
ripherals to be memory-mapped into data memory for which
wait states are specified. By mapping peripherals into different
zones, you can accommodate peripherals with different wait-
state requirements. All zones default to 7 wait states after
RESET.
0x0000
4K
16
MEMORY-MAPPED
REGISTERS
& RESERVED
0x0800
ADDRESS (HEX)
4K
16 INTERNAL
6K EXTERNAL
DWAIT2
1K EXTERNAL
DWAIT0
1K EXTERNAL
DWAIT1
0x0400
0x2000
0x3000
0x3FFF
EXTERNAL
RAM
INTERNAL
RAM
Figure 7. ADSP-2165/ADSP-2166 Data Memory Map
ADSP-2161/ADSP-2162/ADSP-2163/ADSP-2164
For the ADSP-2161/ADSP-2162/ADSP-2163/ADSP-2164, on-
chip data memory RAM resides in the 512 words beginning at
address 0x3800, also shown in Figure 8. Data memory locations
from 0x3A00 to the end of data memory at 0x3FFF are reserved.
Control and status registers for the system, timer, wait-state
configuration, and serial port operations are located in this
region of memory.
0x0000
512
ADSP-2161/62/63/64
0x0800
ADDRESS (HEX)
10K EXTERNAL
DWAIT2
1K EXTERNAL
DWAIT0
1K EXTERNAL
DWAIT1
0x0400
0x3000
0x3C00
0x3FFF
EXTERNAL
RAM
INTERNAL
RAM
1K EXTERNAL
DWAIT3
1K EXTERNAL
DWAIT4
MEMORY-MAPPED
CONTROL REGISTERS
& RESERVED
0x3A00
0x3800
0x3400
Figure 8. ADSP-2161/ADSP-2162/ADSP-2163/ADSP-2164
Data Memory Map
The remaining 14K of data memory is located off-chip. This
external data memory is divided into five zones, each associated
with its own wait-state generator. This allows slower peripherals
to be memory-mapped into data memory for which wait states
are specified. By mapping peripherals into different zones, you
can accommodate peripherals with different wait-state require-
ments. All zones default to seven wait states after
RESET.


Similar Part No. - ADSP-2166KS-66

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2166 AD-ADSP-2166 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2166 AD-ADSP-2166 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2166 AD-ADSP-2166 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2166 AD-ADSP-2166 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results

Similar Description - ADSP-2166KS-66

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com