Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2164 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2164
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2164 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2164 Datasheet HTML 2Page - Analog Devices ADSP-2164 Datasheet HTML 3Page - Analog Devices ADSP-2164 Datasheet HTML 4Page - Analog Devices ADSP-2164 Datasheet HTML 5Page - Analog Devices ADSP-2164 Datasheet HTML 6Page - Analog Devices ADSP-2164 Datasheet HTML 7Page - Analog Devices ADSP-2164 Datasheet HTML 8Page - Analog Devices ADSP-2164 Datasheet HTML 9Page - Analog Devices ADSP-2164 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADSP-21xx
–6–
REV. B
of the ADSP-2111. The two status registers provide status
information to both the ADSP-2111 and the host processor.
HSR7 contains a software reset bit which can be set by both the
ADSP-2111 and the host.
HIP transfers can be managed using either interrupts or polling.
The HIP generates an interrupt whenever an HDR register
receives data from a host processor write. It also generates an
interrupt when the host processor has performed a successful
read of any HDR. The read/write status of the HDRs is also
stored in the HSR registers.
The HMASK register bits can be used to mask the generation of
read or write interrupts from individual HDR registers. Bits in
the IMASK register enable and disable all HIP read interrupts
or all HIP write interrupts. So, for example, a write to HDR4
will cause an interrupt only if both the HDR4 Write bit in
HMASK and the HIP Write interrupt enable bit in IMASK are
set.
The HIP provides a second method of booting the ADSP-2111
in which the host processor loads instructions into the HIP. The
ADSP-2111 automatically transfers the data, in this case
opcodes, to internal program memory. The BMODE pin
determines whether the ADSP-2111 boots from the host
processor through the HIP or from external EPROM over the
data bus.
Interrupts
The ADSP-21xx’s interrupt controller lets the processor
respond to interrupts with a minimum of overhead. Up to three
external interrupt input pins, IRQ0, IRQ1, and IRQ2, are
provided. IRQ2 is always available as a dedicated pin; IRQ1 and
IRQ0
may be alternately configured as part of Serial Port 1. The
ADSP-21xx also supports internal interrupts from the timer, the
serial ports, and the host interface port (on the ADSP-2111).
The interrupts are internally prioritized and individually
maskable (except for RESET which is non-maskable). The
IRQx
input pins can be programmed for either level- or edge-
sensitivity. The interrupt priorities for each ADSP-21xx
processor are shown in Table III.
The ADSP-21xx uses a vectored interrupt scheme: when an
interrupt is acknowledged, the processor shifts program control
to the interrupt vector address corresponding to the interrupt
received. Interrupts can be optionally nested so that a higher
priority interrupt can preempt the currently executing interrupt
service routine. Each interrupt vector location is four instruc-
tions in length so that simple service routines can be coded
entirely in this space. Longer service routines require an
additional JUMP or CALL instruction.
Individual interrupt requests are logically ANDed with the bits
in the IMASK register; the highest-priority unmasked interrupt
is then selected.
The interrupt control register, ICNTL, allows the external
interrupts to be set as either edge- or level-sensitive. Depending
on bit 4 in ICNTL, interrupt service routines can either be
nested (with higher priority interrupts taking precedence) or be
processed sequentially (with only one interrupt service active at
a time).
Flexible Framing—The SPORTs have independent framing
for the transmit and receive functions; each function can run in
a frameless mode or with frame synchronization signals inter-
nally generated or externally generated; frame sync signals may
be active high or inverted, with either of two pulse widths and
timings.
Different Word Lengths—Each SPORT supports serial data
word lengths from 3 to 16 bits.
Companding in Hardware—Each SPORT provides optional
A-law and
µ-law companding according to CCITT recommen-
dation G.711.
Flexible Interrupt Scheme—Receive and transmit functions
can generate a unique interrupt upon completion of a data word
transfer.
Autobuffering with Single-Cycle Overhead—Each SPORT
can automatically receive or transmit the contents of an entire
circular data buffer with only one overhead cycle per data word;
an interrupt is generated after the transfer of the entire buffer is
completed.
Multichannel Capability (SPORT0 Only)—SPORT0
provides a multichannel interface to selectively receive or
transmit a 24-word or 32-word, time-division multiplexed serial
bit stream; this feature is especially useful for T1 or CEPT
interfaces, or as a network communication scheme for multiple
processors. (Note that the ADSP-2105 includes only SPORT1,
not SPORT0, and thus does not offer multichannel operation.)
Alternate Configuration—SPORT1 can be alternatively
configured as two external interrupt inputs (IRQ0, IRQ1) and
the Flag In and Flag Out signals (FI, FO).
Host Interface Port (ADSP-2111)
The ADSP-2111 includes a Host Interface Port (HIP), a
parallel I/O port that allows easy connection to a host processor.
Through the HIP, the ADSP-2111 can be accessed by the host
processor as a memory-mapped peripheral. The host interface
port can be thought of as an area of dual-ported memory, or
mailbox registers, that allows communication between the
computational core of the ADSP-2111 and the host computer.
The host interface port is completely asynchronous. The host
processor can write data into the HIP while the ADSP-2111 is
operating at full speed.
Three pins configure the HIP for operation with different types
of host processors. The HSIZE pin configures HIP for 8- or 16-
bit communication with the host processor. HMD0 configures
the bus strobes, selecting either separate read and write strobes
or a single read/write select and a host data strobe. HMD1
selects either separate address (3-bit) and data (16-bit) buses or
a multiplexed 16-bit address/data bus with address latch enable.
Tying these pins to appropriate values configures the ADSP-
2111 for straight-wire interface to a variety of industry-standard
microprocessors and microcomputers.
The HIP contains six data registers (HDR5-0) and two status
registers (HSR7-6) with an associated HMASK register for
masking interrupts from individual HIP data registers. The HIP
data registers are memory-mapped in the internal data memory


Similar Part No. - ADSP-2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2164 AD-ADSP-2164 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com