Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR290GR Datasheet(PDF) 6 Page - Analog Devices

Part # ADR290GR
Description  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR290GR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR290GR Datasheet HTML 2Page - Analog Devices ADR290GR Datasheet HTML 3Page - Analog Devices ADR290GR Datasheet HTML 4Page - Analog Devices ADR290GR Datasheet HTML 5Page - Analog Devices ADR290GR Datasheet HTML 6Page - Analog Devices ADR290GR Datasheet HTML 7Page - Analog Devices ADR290GR Datasheet HTML 8Page - Analog Devices ADR290GR Datasheet HTML 9Page - Analog Devices ADR290GR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–6–
PARAMETER DEFINITION
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent-per-volt, parts-per-million-per-
volt, or microvolts-per-volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation
is expressed in either microvolts-per-milliampere, parts-per-
million-per-milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25
°C on a sample of parts
subjected to high-temperature operating life test of 1000
hours at 125
°C.
VV
t
V
t
V
ppm
Vt
Vt
Vt
OO
O
OO
O
=
×
() –
()
=
() –
()
()
0O
1
01
0
[]
10
6
Where
VO (t0 ) = VO at 25
°C at time 0
VO (t1 ) = VO at 25
°C after 1000 hours operation at 125°C
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25
°C, expressed
in ppm/
°C. The equation follows:
TCV
ppm C
VT
VT
VC
T
T
O
OO
O
[/
]
() –
()
() (
)
°=
°×
×
21
21
6
25
10
Where
VO (25
°C) = VO at 25°C
VO(T1) = VO at Temperature 1
VO(T2) = VO at Temperature 2
NC = No Connect
(There are in fact internal connections at NC pins which are
reserved for manufacturing purposes. Users should not connect
anything at NC pins.)
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage af-
ter the device is cycled through temperature from +25
°C to
–40
°C to +85°C and back to +25°C. This is a typical value from
a sample of parts put through such a cycle.
VV
C
V
V
ppm
VC
V
VC
O HYS
O
O TC
O HYS
OO TC
O
_
_
() –
[]
() –
()
=
°
°
×
25
25
25
10
6
Where
VO (25
°C) = VO at 25°C
VO–TC = VO at 25
°C after temperature cycle at +25°C to
–40
°C to +85°C and back to +25°C


Similar Part No. - ADR290GR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR291 AD-ADR291 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR291 AD-ADR291 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Similar Description - ADR290GR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com