Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04820015ZXP Datasheet(PDF) 2 Page - Littelfuse

Part # 04820015ZXP
Description  Special Application Fuses 482 Series Alarm Indicating Fuse Holder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04820015ZXP Datasheet(HTML) 2 Page - Littelfuse

  04820015ZXP Datasheet HTML 1Page - Littelfuse 04820015ZXP Datasheet HTML 2Page - Littelfuse 04820015ZXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
348
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Special Application Fuses
Alarm Indicating Fuseholder 482 Series
482 Series Alarm Indicating Fuse Holder
Please refer to www.littelfuse.com/series/482.html for current information.
15A PCB Mount and Panel Mount Fuseholders
Ordering Information
Type
Holder Assembly Length*
15A PCB Mount
15A PCB Mount - Flush
15A Panel Mount
15A Panel Mount - Flush
1 Pole
6.40mm (25”)
0482 0001ZXB
0482 0001ZXBF
0482 0001ZXP
0482 0001ZXPF
2 Pole
12.80mm (.50”)
0482 0002ZXB
0482 0002ZXBF
0482 0002ZXP
0482 0002ZXPF
3 Pole
19.05mm (.75”)
0482 0003ZXB
0482 0003ZXBF
0482 0003ZXP
0482 0003ZXPF
4 Pole
25.04mm (1.0”)
0482 0004ZXB
0482 0004ZXBF
0482 0004ZXP
0482 0004ZXPF
5 Pole
31.75mm (1.25”)
0482 0005ZXB
0482 0005ZXBF
0482 0005ZXP
0482 0005ZXPF
6 Pole
38.10mm (1.50”)
0482 0006ZXB
0482 0006ZXBF
0482 0006ZXP
0482 0006ZXPF
7 Pole
44.45mm (1.75”)
0482 0007ZXB
0482 0007ZXBF
0482 0007ZXP
0482 0007ZXPF
8 Pole
5.80mm (2.00”)
0482 0008ZXB
0482 0008ZXBF
0482 0008ZXP
0482 0008ZXPF
9 Pole
57.15 (2.25”)
0482 0009ZXB
0482 0009ZXBF
0482 0009ZXP
0482 0009ZXPF
10 Pole
63.50mm (2.75”)
0482 0010ZXB
0482 0010ZXBF
0482 0010ZXP
0482 0010ZXPF
11 Pole
69.85mm (2.75”)
0482 0011ZXB
0482 0011ZXBF
0482 0011ZXP
0482 0011ZXPF
12 Pole
76.20mm (3.00”)
0482 0012ZXB
0482 0012ZXBF
0482 0012ZXP
0482 0012ZXPF
13 Pole
82.55mm (3.25”)
0482 0013ZXB
0482 0013ZXBF
0482 0013ZXP
0482 0013ZXPF
14 Pole
88.90mm (3.50”)
0482 0014ZXB
0482 0014ZXBF
0482 0014ZXP
0482 0014ZXPF
15 Pole
95.25mm (3.75”)
0482 0015ZXB
0482 0015ZXBF
0482 0015ZXP
0482 0015ZXPF
16 Pole
101.60mm (4.00”)
0482 0016ZXB
0482 0016ZXBF
0482 0016ZXP
0482 0016ZXPF
17 Pole
107.95mm (4.25”)
0482 0017ZXB
0482 0017ZXBF
0482 0017ZXP
0482 0017ZXPF
18 Pole
114.30mm (4.50”)
0482 0018ZXB
0482 0018ZXBF
0482 0018ZXP
0482 0018ZXPF
19 Pole
120.65mm (4.75”)
0482 0019ZXB
0482 0019ZXBF
0482 0019ZXP
0482 0019ZXPF
20 Pole
127.00mm (5.00”)
0482 0020ZXB
0482 0020ZXBF
0482 0020ZXP
0482 0020ZXPF
20A Panel Mount Fuseholder
Flush Side Options
Available for PCB and
Panel Mount Version
5 POLE HOLDER ASSEMBLY
WITH FLUSH OPTION
Type
Holder Length *
20A Panel Mount
1 Pole
6.40mm (25”)
0482 2001ZXPF
* NOTE: 15 ampere gangable version of PCB Mount and Panel Mount fuseholders are keyed to prevent insertion of 20 ampere fuse.
Please refer to “A” dimension of diagrams on following page. For additional terminal lengths, please contact Littelfuse.
* NOTE: 20 ampere version of 482 Series Panel Mount fuseholders come standard as a single pole unit with flush edges on
both sides (no “keys” typical with 15A units). Please refer to the diagrams on the following page for additional information.


Similar Part No. - 04820015ZXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04820015ZXB LITTELFUSE-04820015ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
More results

Similar Description - 04820015ZXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04820010ZXBF LITTELFUSE-04820010ZXBF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820011ZXB LITTELFUSE-04820011ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820011ZXP LITTELFUSE-04820011ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820012ZXP LITTELFUSE-04820012ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820013ZXP LITTELFUSE-04820013ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820016ZXPF LITTELFUSE-04820016ZXPF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820019ZXP LITTELFUSE-04820019ZXP Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820021ZXB LITTELFUSE-04820021ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820013ZXPF LITTELFUSE-04820013ZXPF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820017ZXBF LITTELFUSE-04820017ZXBF Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
04820018ZXB LITTELFUSE-04820018ZXB Datasheet
149Kb / 3P
   Special Application Fuses 482 Series Alarm Indicating Fuse Holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com